Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC563 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC563
Description  Dual Output 300mA LDO Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC563 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC563 Datasheet HTML 8Page - Semtech Corporation SC563 Datasheet HTML 9Page - Semtech Corporation SC563 Datasheet HTML 10Page - Semtech Corporation SC563 Datasheet HTML 11Page - Semtech Corporation SC563 Datasheet HTML 12Page - Semtech Corporation SC563 Datasheet HTML 13Page - Semtech Corporation SC563 Datasheet HTML 14Page - Semtech Corporation SC563 Datasheet HTML 15Page - Semtech Corporation SC563 Datasheet HTML 16Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
SC563
5
b
bbb
aaa
N
D1
L
e
D
DIM
A1
A2
A
0.25
0.15 0.20
0.35
1.25
0.25
1.00
0.08
0.10
8
0.30
1.60
1.15
0.40 BSC
M ILLIM ETERS
M AX
0.05
0.60
DIM ENSIONS
M IN
0.00
NOM
0.50
-
(0.152)
-
CONTROLLING DIM ENSIONS ARE IN M ILLIMETERS (ANGLES IN DEGREES).
COPLANARITY APPLIES TO THE EXPOSED PAD AS W ELL AS THE TERMINALS.
NOTES:
2.
1.
E1 0.10 0.20 0.30
1.20
E
1 2
N
1.70
1.50
1.10
1.30
A
B
PIN 1
INDICATOR
(LASER MARK)
aaa C
A1
bbb
C A B
C
SEATING
PLANE
D
E
e/2
e
bxN
D/2
D1
LxN E/2
E1
A
A2
Outline Drawing — MLPD-UT8 1.6X1.2
Land Pattern — MLPD-UT8 1.6X1.2
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
NOTES:
2.
DIM
X
Y
P
G
H
MILLIMETERS
0.20
0.20
0.60
0.40
0.55
DIMENSIONS
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
1.75
Z
C
(1.15)
1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
THERMAL VIAS IN THE LAND PATTERN OF THE EXPOSED PAD
SHALL BE CONNECTED TO A SYSTEM GROUND PLANE.
FAILURE TO DO SO MAY COMPROMISE THE THERMAL AND/OR
FUNCTIONAL PERFORMANCE OF THE DEVICE.
3.
K
1.25
Y
Z
X
K
H
G
P/2
P
(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com