Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC563 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC563
Description  Dual Output 300mA LDO Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC563 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC563 Datasheet HTML 8Page - Semtech Corporation SC563 Datasheet HTML 9Page - Semtech Corporation SC563 Datasheet HTML 10Page - Semtech Corporation SC563 Datasheet HTML 11Page - Semtech Corporation SC563 Datasheet HTML 12Page - Semtech Corporation SC563 Datasheet HTML 13Page - Semtech Corporation SC563 Datasheet HTML 14Page - Semtech Corporation SC563 Datasheet HTML 15Page - Semtech Corporation SC563 Datasheet HTML 16Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
SC563
4
Example
A SC563LH is used to provide outputs of 3.3V, 50mA
from LDO and .8V, 250mA from LDO2. The input
voltage is 4.2V for LDO and 2.5V for LDO2, and the
ambient temperature of the system is 60°C.
P
D= 0.5X(4.2 – 3.3) + 0.25X(2.5 – .8)
= 0.3W
and
T
J = 60 + (0.3 x 90) = 87.9°C
This calculation shows the junction temperature is 87.9°C
and it is below the maximum junction temperature of
25°C for this power dissipation. This example also dem-
onstrates that with separate input voltages for LDO and
LDO2, the total power dissipation can be reduced with
the lower LDO output voltage fed by a lower input
voltage.
Applications Information (continued)
Layout Considerations
The diagram in Figure 3 below illustrates proper layout of
a circuit. The layout considerations are listed below:
Attach the thermal pad of the device to a copper
pad with vias connected to the GND plane. This
enables better heat transfer from the device to
the PCB.
Place the input and output capacitors close to
the device for optimal transient response and
device behavior. Extra copper trace length
between the device input and output to the
capacitor soldering pad introduces parasitic
inductance.
Connect all ground connections of the input
and output capacitor directly to the ground
plane whenever possible to minimize ground
potential differences on the PCB. Shown in the
evaluation board layout below, the SC563
thermal pad, ground pins, and the input and
output capacitors are all connected to the
ground plane through vias .
•
•
•
Figure 3 — SC563 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com