Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC563 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC563
Description  Dual Output 300mA LDO Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC563 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC563 Datasheet HTML 8Page - Semtech Corporation SC563 Datasheet HTML 9Page - Semtech Corporation SC563 Datasheet HTML 10Page - Semtech Corporation SC563 Datasheet HTML 11Page - Semtech Corporation SC563 Datasheet HTML 12Page - Semtech Corporation SC563 Datasheet HTML 13Page - Semtech Corporation SC563 Datasheet HTML 14Page - Semtech Corporation SC563 Datasheet HTML 15Page - Semtech Corporation SC563 Datasheet HTML 16Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SC563
3
Applications Information (continued)
Under-Voltage Lockout
The Under-Voltage Lockout (UVLO) circuit protects the
device from operating in an unknown state if the input
voltage supply is too low.
When either V
IN drops below the UVLO threshold, as
defined in the Electrical Characteristics section, the
corresponding LDO is disabled. The LDO is re-enabled
when V
IN is increased above the hysteresis level. When
powering up with V
IN below the UVLO threshold, the LDO
remains disabled.
Over-Temperature Protection
Over-Temperature protection are separately available on
both LDOs.
An internal Over-Temperature (OT) protection circuit
monitors the internal junction temperature. When the
temperature exceeds the OT threshold as defined in the
Electrical Characteristics section, the OT protection dis-
ables the corresponding LDO output. When the tempera-
ture drops below its hysteresis value, the LDO output will
resume.
Short-Circuit Protection
Each output has short-circuit protection with peak current
limit and fold back current limit. If the output current
exceeds the peak current limit, the output voltage will
drop and the output current will be limited to its fold back
current limit value. See the waveforms in the typical
operation section. If the short circuit is removed or the
load current reduces to below the fold back current limit,
the LDO output will rise back into regulation.
Component Selection
SC563 is designed for PCB savings with small area. The
recommended input and output capacitor is μF with
0402 package with part number GRM55R6A05kE5.
Although there is no maximum value of output capacitor
specified, very large values may increase the rise time of
the output voltages without affecting stability. It is
recommended that the value of output capacitance be
restricted to a maximum of 0μF. Ceramic capacitors of
type X5R or X7R should be used because of their low ESR
and stable temperature coefficients. Tantalum capacitors
and Y5V capacitors are not recommended.
Thermal Considerations
Although each of the two LDOs in the SC563 can provide
300mA of output current, the maximum power dissipation
in the device is restricted by the miniature package size.
The graphs in Figures 2 can be used as a guideline to
determine whether the input voltage, output voltages,
output currents, and ambient temperature of the system
result in power dissipation within the operating limits are
met or if further thermal relief is required.
0
0.5
1
1.5
2
2.5
-50
-35
-20
-5
10
25
40
55
70
85
100
Ambient Temperature (C)
TJ=150°C
TJ=125°C
TJ=105°C
Figure 2 — Maximum P
D vs. TA
The following procedure can be followed to determine if
the thermal design of the system is adequate. The junc-
tion temperature of the SC563 can be determined in
known operating conditions using the following
equation:
T
J = TA +(PD x θJA)
where
T
J = Junction Temperature (°C)
T
A = Ambient Temperature (°C)
P
D = Power Dissipation (W)
θ
JA = Thermal Resistance Junction to Ambient (°C/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com