Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2440AEVB Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC2440AEVB
Description  Dual 30V Step-Down Switching Regulator with 2A Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440AEVB Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC2440AEVB Datasheet HTML 11Page - Semtech Corporation SC2440AEVB Datasheet HTML 12Page - Semtech Corporation SC2440AEVB Datasheet HTML 13Page - Semtech Corporation SC2440AEVB Datasheet HTML 14Page - Semtech Corporation SC2440AEVB Datasheet HTML 15Page - Semtech Corporation SC2440AEVB Datasheet HTML 16Page - Semtech Corporation SC2440AEVB Datasheet HTML 17Page - Semtech Corporation SC2440AEVB Datasheet HTML 18Page - Semtech Corporation SC2440AEVB Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
5
Applications Information (Continued)
SC2440A
Figure 5. Normalized C
IN RMS Ripple Current as a
Function of the Duty Cycle D for the Following
Regulators:
(a) Two step-down converters switching
in phase and at the same duty cycle. Each
regulator delivers I
OUT to its corresponding
output for a total output current of 2I
OUT.
(b) A 180o out of phase switching dual step-
down regulator. The output currents and
the duty cycles of the individual regulators
are identical. Each regulator delivers I
OUT to
its corresponding output for a total output
current of 2I
OUT.
Equation (6) has a maximum of
when
, corre-
spondingtotheworst-casepowerdissipationof
in C
IN. For example, if one power transistor in the SC2440A
is switching from zero to 2A and operating at 50% duty
cycle while the other channel is disabled, then the in-
put capacitor will carry A of RMS ripple current. If both
power transistors in the SC2440A were to switch on in
phase, the current drawn by the SC2440A would consist
of current pulses with amplitude equal to the sum of the
channel switch currents. If both channels were delivering
full load to their outputs and operating at 50% duty cycle,
then the input current would switch from zero to 4A. The
RMS ripple current in the input capacitor would then be
2A. Power dissipated in C
IN would be (2A)
2
(ESR), four times
the maximum due to one channel alone. The SC2440A
produces the highest RMS ripple current in C
IN when only
one channel is switching at current limit (< 3.4A). The in-
put capacitor therefore should have a RMS ripple current
rating of at least .7A.
Figure 5 compares the RMS ripple currents produced in
the input capacitor by (a) two identical step-down con-
verters switching in phase and (b) a dual step-down con-
verter with 80o out of phase switching (as implemented
in the SC2440A) as a function of the switching duty cycle
D. For simplicity, each individual converter in both cases is
assumed to operate at the same duty cycle and deliver the
same output current I
OUT for a total output current of 2IOUT.
Case (a) produces a maximum C
IN RMS ripple current of IOUT
when D = 0.5. Whereas the corresponding ripple current
is reduced to
in Case (b). At 50% duty cycle, 80o
out of phase switching nulls C
IN ripple current. Figure 5(b)
also shows that slight deviation from 80o phase shift has
no major impact on input ripple reduction. Interleaved
switching therefore generates lower input voltage
noise and requires a smaller input ceramic capacitor
for filtering. This saves cost for V
IN > 25V as high voltage
ceramic capacitors are not cheap. Predicting the input ca-
pacitor RMS ripple current of a dual step-down converter
operating at different duty cycles and delivering different
output currents is not easy. However, the aforementioned
advantages of interleaved switching are still valid.
Figure 6 compares the input voltage ripple generated
by the DC-DC converter in Figure  with either channel
or both channels switching. The low-noise advantage of
interleaved switching is clearly evident.
Multi-layer ceramic capacitors, which have very low ESR
(a few mW) and can easily handle high RMS ripple current
are the ideal choice for input filtering. A single 4.7mF or
0mF X5R ceramic capacitor is adequate. For high voltage
applications, a small ceramic (mF or 2.2mF) can be placed
in parallel with a low ESR electrolytic capacitor to satisfy
both the ESR and bulk capacitance requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com