Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2440AEVB Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC2440AEVB
Description  Dual 30V Step-Down Switching Regulator with 2A Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440AEVB Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC2440AEVB Datasheet HTML 13Page - Semtech Corporation SC2440AEVB Datasheet HTML 14Page - Semtech Corporation SC2440AEVB Datasheet HTML 15Page - Semtech Corporation SC2440AEVB Datasheet HTML 16Page - Semtech Corporation SC2440AEVB Datasheet HTML 17Page - Semtech Corporation SC2440AEVB Datasheet HTML 18Page - Semtech Corporation SC2440AEVB Datasheet HTML 19Page - Semtech Corporation SC2440AEVB Datasheet HTML 20Page - Semtech Corporation SC2440AEVB Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
7
Applications Information (Continued)
(d)
(b)
SC2440A
BST
GND
IN
SW
DBST
VOUT
CBST
VIN
DFW
(c)
SC2440A
BST
GND
IN
SW
DBST
VOUT
CBST
VIN
DZ
+ VZ -
DFW
(a)
SC2440A
BST
GND
IN
SW
DBST
VOUT
CBST
VIN
DFW
DZ
- VZ +
SC2440A
BST
GND
IN
SW
DBST
VOUT
CBST
VIN
DFW
Figure 7(a)-(d). Bootstrap Configurations for the SC2440A
SC2440A
terval is much longer than that of the transistor. Converter
efficiency will be improved if the voltage drop across the
diode is lower.
The freewheeling diodes should be placed close to the
SW pins of the SC2440A to minimize ringing due to trace
inductance.
Bootstrapping the Power Transistors
To maximize efficiency, the turn-on voltage across the
internal power NPN transistors should be minimized. If
these transistors are to be driven into saturation, then their
bases will have to be driven from a power supply higher
in voltage than V
IN. The required driver supply voltage (at
least 2.4V higher than the SW voltage) is generated with
a bootstrap circuit (the diode D
BST and the capacitor CBST
in Figure 7). The bootstrapped output (the common node
between D
BST and CBST) is connected to the BST pin of the
SC2440A.
The minimum BST to SW voltage required to fully saturate
the power transistor is shown in the “Typical Character-
istics” (pages 8-9). The minimum required V
CBST increases
as temperature decreases. The bootstrap circuit reaches
equilibrium when the base charge drawn from C
BST during
transistor on time is equal to the charge replenished dur-
ing the off interval.
Figure 7 summarizes various ways of bootstrapping the
SC2440A. A fast switching PN diode (such as N448 or
N94) and a small (0.μF – 0.47mF) ceramic capacitor can
be used.
In Figure 7(a) the power switch is bootstrapped from the
output. This is the most efficient configuration and it also
results in the least voltage stress at the BST pin. The maxi-
mum BST pin voltage is about V
IN + VOUT. The minimum
V
OUT required for this bootstrap configuration is 2.5V. If the
output voltage is 2.5V, then D
BST will preferably be a small
Schottky diode (such as BAT54) to maximize the boot-
strap voltage. A 0.33-0.47mF bootstrap capacitor may also
be needed to reduce droop. Bench measurement shows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com