Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2440AEVB Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC2440AEVB
Description  Dual 30V Step-Down Switching Regulator with 2A Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440AEVB Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC2440AEVB Datasheet HTML 17Page - Semtech Corporation SC2440AEVB Datasheet HTML 18Page - Semtech Corporation SC2440AEVB Datasheet HTML 19Page - Semtech Corporation SC2440AEVB Datasheet HTML 20Page - Semtech Corporation SC2440AEVB Datasheet HTML 21Page - Semtech Corporation SC2440AEVB Datasheet HTML 22Page - Semtech Corporation SC2440AEVB Datasheet HTML 23Page - Semtech Corporation SC2440AEVB Datasheet HTML 24Page - Semtech Corporation SC2440AEVB Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
2
Applications Information (Continued)
R
FB
COMP
1.33V
EA
+
-
RZ
1V
CZ
CP
SC2440A
Figure 11. Compensation Network for Each Regulator.
PGOOD pull-up resistor. If the PGOOD output high level
(= V
OUT) is unacceptably low, then tying the power good
pull-up resistor to the input or to a separate power supply
will be the only choice.
Sequencing the Outputs
As mentioned above, pulling either soft-start pin low with
an external transistor shuts off the corresponding regula-
tor (Figure 0). Releasing the soft-start pin enables that
channel and allows it to start. Delaying the release of the
soft-start pin of one channel with respect to the other is
a straightforward way of sequencing the outputs. Figure
0(a) shows this method using two external transistors Q

and Q
2. Q is turned off first, allowing channel  to start.
Channel 2 is then enabled after time t
D.
The PGOOD output of one channel can also be used in
conjunction with the soft-start pin of the other channel
to delay start of that regulator. This method is depicted
in Figure 0(b). SS2 is pulled low and channel 2 is kept off
until the channel  output rises to 90% of its set voltage.
Loop Compensation
Each step-down switching regulator in the SC2440A re-
quires a simple Type-2 compensation network (Figure )
for stable operation. C
Z and RZ form a compensating zero.
This zero nulls out the effect of two low-frequency poles
in the feedback loop and allows the loop amplitude re-
sponse to cross unity gain at -20 dB/decade. Increasing
SC2440A
Sequencing the Outputs by (a) Delaying Release of one Channel Relative to
the Other and (b) Using the PGOOD of one Channel to Control the Other.
Figure 10.
(b)
(a)
ON
OFF
CONTROL1
ON
OFF
CONTROL2
tD
M2
M1
CONTROL1
CONTROL2
SC2440A
PGOOD1
SS1
SS2
20kW
20kW
PGOOD2
Q2
CSS2
Q1
CSS1
ON
OFF
SC2440A
PGOOD1
SS1
SS2
20kW
Q1
CSS1
CSS2
PGOOD2
(a)
(b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com