Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2440AEVB Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC2440AEVB
Description  Dual 30V Step-Down Switching Regulator with 2A Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440AEVB Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC2440AEVB Datasheet HTML 19Page - Semtech Corporation SC2440AEVB Datasheet HTML 20Page - Semtech Corporation SC2440AEVB Datasheet HTML 21Page - Semtech Corporation SC2440AEVB Datasheet HTML 22Page - Semtech Corporation SC2440AEVB Datasheet HTML 23Page - Semtech Corporation SC2440AEVB Datasheet HTML 24Page - Semtech Corporation SC2440AEVB Datasheet HTML 25Page - Semtech Corporation SC2440AEVB Datasheet HTML 26Page - Semtech Corporation SC2440AEVB Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
Applications Information (Continued)
necting the anodes of both freewheeling diodes close to
the negative terminal of the input bypass capacitor mini-
mizes size of the switched current loop. The input bypass
capacitors should be placed close to the IN pins. Short-
ening the traces of the SW and BST nodes reduces the
parasitic trace inductance at these nodes. This not only
reduces EMI but also decreases switching voltage spikes
at these nodes.
Figure 4 shows an example of external component
placement around the SC2440A. The input bypass capaci-
tor C
5, the output filtering capacitors and the freewheel-
ing diodes are grounded on the power ground plane. The
feedback resistor dividers, the compensation networks
and the soft-start capacitors are to be tied to analog
ground. The frequency-setting resistor R
9 is placed next to
the ROSC pin and is also connected to analog ground.
The exposed pad should be soldered to a large power
ground plane as the ground copper acts as a heat sink
for the device. To ensure proper adhesion to the ground
plane, avoid using large vias directly under the device. In
Figure 4(a) two 2mil vias are placed at the edge of the
underside pad.
SC2440A
Suggested PCB Layout for the SC2440A (a) Top Layer and (b) Bottom Layer
Figure 14.
(a)
(b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com