Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3102 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC3102
Description  2A Synchronous Step-Down Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3102 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC3102 Datasheet HTML 8Page - Semtech Corporation SC3102 Datasheet HTML 9Page - Semtech Corporation SC3102 Datasheet HTML 10Page - Semtech Corporation SC3102 Datasheet HTML 11Page - Semtech Corporation SC3102 Datasheet HTML 12Page - Semtech Corporation SC3102 Datasheet HTML 13Page - Semtech Corporation SC3102 Datasheet HTML 14Page - Semtech Corporation SC3102 Datasheet HTML 15Page - Semtech Corporation SC3102 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
SC3102
Applications Information (continued)
Detailed Description
The SC3102 is a synchronous step-down Pulse Width
Modulated (PWM), DC-DC converter utilizing a 1.5MHz
fixed-frequency voltage mode architecture. The device is
designed to operate in fixed-frequency PWM mode and
has the option to enter forced power save mode (PSAVE) at
light loads to improve efficiency. The switching frequency
is chosen to minimize the size of the external inductor
and capacitors while maintaining high efficiency.
Operation
During normal operation, the PMOS MOSFET is activated
on each rising edge of the internal oscillator. The period
is set by the onboard oscillator when in PWM mode. The
device has an internal synchronous NMOS rectifier and
does not require a Schottky diode on the LX pin. The
device operates as a buck converter in PWM mode with
a fixed frequency of 1.5MHz at medium to high loads.
The MODE input is used to select between forced PWM
and forced PSAVE modes. To improve the efficiency at
light loads, the MODE pin can be set low to force PSAVE
operation. When the MODE pin is held high, the device
operates in forced continuous PWM mode regardless of
the output load condition.
Forced Power Save Mode Operation
Connect the MODE pin to ground to force PSAVE mode.
The maximum load current supported in forced PSAVE
mode is 350mA.
Operation in PSAVE:
When the MODE pin toggles low, SC3102 operates in
PSAVE mode after waiting for 64 switching cycles. Figure
1 shows the operating conditions in this mode. When the
output current is less than 350mA, the switching fre-
quency depends upon the load, and the output voltage
does not fall below its regulation threshold. When the
output current is higher than 350mA, the switching fre-
quency depends upon the zero current crossing timing
and the output voltage droops below its regulation
threshold. The output voltage recovers when the load
current is less than 350mA.
Figure 1 — Operation Conditions in PSAVE
Exiting from PSAVE:
Figure 2 shows the case of no change in the output current
and the MODE pin toggling from low to high. SC3102
enters PWM mode at the end of the PSAVE cycle, where
the output voltage crosses the lower PSAVE threshold.
Figure 2 — Exiting PSAVE at Light Load
Figure 3 shows the behavior when there is a step increase
in output current right after the MODE pin toggles high.
The output voltage decreases initially due to the output
capacitor supplying the load current. SC3102 changes the
operation to PWM mode at t
1 and recovers the output
voltage.
0A
Load Current
Vout
Inductor Current
Zero-crossing
Lower Threshold
Upper Threshold
MODE = Low
Vout
Inductor Current
0A
Load Current
0A
MODE = High
Mode change request
Forced PWM mode
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com