Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3102 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC3102
Description  2A Synchronous Step-Down Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3102 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC3102 Datasheet HTML 9Page - Semtech Corporation SC3102 Datasheet HTML 10Page - Semtech Corporation SC3102 Datasheet HTML 11Page - Semtech Corporation SC3102 Datasheet HTML 12Page - Semtech Corporation SC3102 Datasheet HTML 13Page - Semtech Corporation SC3102 Datasheet HTML 14Page - Semtech Corporation SC3102 Datasheet HTML 15Page - Semtech Corporation SC3102 Datasheet HTML 16Page - Semtech Corporation SC3102 Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
SC3102
the output voltage drops below 10% of nominal, the
PGOOD pin is pulled low after a 20μs delay. During start-
up, PGOOD will be asserted 2ms (typical) after the output
voltage reaches 90% of the final regulation voltage. The
faults of over voltage, fold-back current limit mode and
thermal shutdown will force PGOOD low after a 20μs
delay. When recovering from a fault, PGOOD will be
asserted 2ms (typical) after Vout reaches 90% of the final
regulation voltage.
Enable
The EN input is used to enable or disable the device when
the device is not in UVLO. When EN is low (grounded), the
device enters shutdown mode and consumes less than
1μA of current. In shutdown mode, the device tri-states
the LX pin and pulls down the SS pin. The EN pin has a
500kΩ internal pull-down resistor. This resistor is switched
in circuit whenever the EN pin is below its threshold, or
when the device is in under voltage lockout and AVIN
exceeds 0.8V. When the device is enabled, it takes about
50μs for the internal circuitry to wake up and begin the
soft-start sequence.
100% Duty-Cycle Operation
The SC3102 is capable of operating at 100% duty-cycle.
When the difference between the input voltage and
output voltage is less than the minimum dropout voltage,
the PMOS switch turns completely on, operating in 100%
duty-cycle. The minimum dropout voltage is the output
current multiplied by the on-resistance of the internal
PMOS switch and the DC-resistance of the inductor when
the PMOS switch is on continuously.
Output L-C filter Selection
The SC3102 has fixed internal loop-gain compensation. It
is optimized for X5R or X7R ceramic output capacitors and
an output L-C filter corner frequency of less than 34kHz.
The output L-C corner frequency can be determined by
Equation 2.
In general, the inductor is chosen to set the inductor ripple
current to approximately 30% of the maximum output
current. It is recommended to use a typical inductor
value of 1μH to 2.2μH with output ceramic capacitors of
44μF or higher. Lower inductance should be considered
Applications Information (continued)
in applications where faster transient response is
required. More output capacitance will reduce the output
deviation for a particular load transient. When using low
inductance, the maximum peak inductor current at any
condition (normal operation and start up) can not exceed
2.5A which is the guaranteed minimum current limit. The
saturation current rating of the inductor needs to be at
least larger than the peak inductor current which is the
maximum output current plus half of the inductor ripple
current.
14
OUT
C
C
L
f
⋅
=
π
2
1
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com