Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3102 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC3102
Description  2A Synchronous Step-Down Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3102 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC3102 Datasheet HTML 9Page - Semtech Corporation SC3102 Datasheet HTML 10Page - Semtech Corporation SC3102 Datasheet HTML 11Page - Semtech Corporation SC3102 Datasheet HTML 12Page - Semtech Corporation SC3102 Datasheet HTML 13Page - Semtech Corporation SC3102 Datasheet HTML 14Page - Semtech Corporation SC3102 Datasheet HTML 15Page - Semtech Corporation SC3102 Datasheet HTML 16Page - Semtech Corporation SC3102 Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
SC3102
Figure 3 — Exiting PSAVE with Heavy Load
Protection Features
The SC3102 provides the following protection features:
Current Limit
Over-Voltage Protection
Soft-Start Operation
Thermal Shutdown
UVLO
Current Limit & OCP
The internal PMOS power device in the switching stage is
protected by a current limit feature. If the inductor current
is above the PMOS current limit for 8 consecutive cycles,
the part enters foldback current limit mode and the output
current is limited to the current limit holding current
(I
CL_HOLD) which is approximately 900mA. Under this condi-
tion, the output voltage will be the product of I
CL_HOLD and
the load resistance. When the load presented falls below
the current limit holding level, the output will charge to
the upper PSAVE voltage threshold and return to normal
operation. The SC3102 is capable of sustaining an indefi-
nite short circuit without damage. During soft-start, if
current limit has occurred before the SS voltage has
reached 400mV, the part enters foldback current limit
mode. Foldback current limit mode will be disabled during
soft-start after the SS voltage is higher than 400mV.
Over-Voltage Protection
In the event of a 15% over-voltage on the output, the
PWM drive is disabled with the LX pin floating. Switching
does not resume until the output voltage falls below the
nominal Vout regulation voltage.
•
•
•
•
•
Applications Information (continued)
Soft-Start
The soft-start mode is activated after AVIN reaches it’s
UVLO voltage threshold and EN is set high to enable the
part. A thermal shutdown event will also activate the soft-
start sequence. The soft-start mode controls the slew-rate
of the output voltage during startup thus limiting in-rush
current on the input supply. During start up, the reference
voltage for the error amplifier is clamped by the voltage
on the SS pin. The output voltage slew rate during soft-
start is determined by the value of the external capacitor
connected to the SS pin and the internal 5μA charging
current. The SC3102 requires a minimum soft-start time
from enable to final regulation in the order of 200μs,
including the 50μs enable delay. As a result the soft-start
capacitor, Css, should be higher than 1.5nF. During start
up, the chip operates in forced PWM mode. The value of
Css for the desired soft-start time, tss, can be determined
by Equation 1.
A
V
C
t
SS
SS
μ
5
5
.
0
×
=
(1)
The SC3102 is capable of starting up into a pre-biased
output.When the output is pre-charged by another supply
rail, the SC3102 will not discharge the output during the
soft-start period.
Thermal Shutdown
The device has a thermal shutdown feature to protect
the SC3102 if the junction temperature exceeds 160°C.
During thermal shutdown, the on-chip power devices are
disabled, floating the LX output. When the temperature
drops by 10°C, it will initial a soft-start cycle to resume
normal operation.
Under-Voltage Lockout
Under-Voltage Lockout (UVLO) is enabled when the
input voltage drops below the UVLO threshold. This
prevents the device from entering an ambiguous state
in which regulation cannot be maintained. Hysteresis of
approximately 300mV is included to prevent chattering
near the threshold. When the AVIN voltage rises back to
the turn-on threshold and EN is high, a soft-start sequence
is initiated.
Power Good
The power good (PGOOD) is an open-drain output. When
Vout
Inductor Current
0A
Load Current
MODE = Low
MODE = High
t1
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com