Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3102 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC3102
Description  2A Synchronous Step-Down Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3102 Datasheet(HTML) 1 Page - Semtech Corporation

  SC3102 Datasheet HTML 1Page - Semtech Corporation SC3102 Datasheet HTML 2Page - Semtech Corporation SC3102 Datasheet HTML 3Page - Semtech Corporation SC3102 Datasheet HTML 4Page - Semtech Corporation SC3102 Datasheet HTML 5Page - Semtech Corporation SC3102 Datasheet HTML 6Page - Semtech Corporation SC3102 Datasheet HTML 7Page - Semtech Corporation SC3102 Datasheet HTML 8Page - Semtech Corporation SC3102 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
POWER MANAGEMENT
Rev 2.2
2A Synchronous
Step-Down Regulator
SC3102
© Semtech Corporation
Features
V
IN Range: 2.9 – 5.5V
Preset V
OUT Range: 1.0V to 3.3V
Up to 2A Output Current
Ultra-Small Footprint, <1mm Height
1.5MHz Switching Frequency
Selectable Forced PSAVE or Forced PWM Operation
Efficiency Up to 95%
Low Output Noise Across Load Range
Excellent Transient Response
Start Up into Pre-Bias Output
100% Duty-Cycle Low Dropout Operation
<1μA Shutdown Current
Externally Programmable Soft-Start Time
Power Good indicator
Input Under-Voltage Lockout
Output Over-Voltage, Current Limit Protection
Over-Temperature Protection
3mm x 3mm x 0.6mm thermally enhanced
MLPQ-UT16 package
-40 to +85°C Temperature Range
Pb-free, Halogen free, and RoHS/WEEE compliant
Applications
Office Automation
Switches and Routers
Network Cards
LCD TV
Description
The SC3102 is a 2A synchronous step-down regulator
designed to operate with an input voltage range of 2.9V
to 5.5V. The device requires minimal external components
for a complete step down regulator solution. The output
voltage is factory predetermined with an available range
of 1.0V to 3.3V.
The SC3102 is optimized for maximum efficiency over a
wide range of load currents. During full load operation,
the SC3102 operates in forced PWM mode with a fixed
1.5MHz oscillator frequency, allowing the use of small
surface mount external components.
As the load
decreases, the regulator has the option to transition, via
the MODE pin, into forced Power Save mode to maximize
efficiency or to stay in forced PWM mode.
The SC3102 offers output short circuit and thermal
protection to safe guard the device under extreme
operating conditions. The enable pin provides on/off
control of the regulator.
When connected to logic
low, the device enters shutdown and consumes less
than 1μA of current. Other protection features include
programmable soft-start with Power Good indicator, over
voltage protection and under voltage lockout.
The SC3102 is available in a thermally-enhanced, 3mm
x 3mm x 0.6mm MLPQ-UT16 package and has a rated
temperature range of -40 to +85°C.
Typical Application Circuit
VOUT
VIN
PGOOD
EN
MODE
AVIN
PVIN
LX
VOUT
PGND
AGND
SS
COUT
CIN
47μF
10μF
0.1μF
CSS
L 1.5μH
SC3102
1Ohm
1


Similar Part No. - SC3102

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC310 SEMTECH-SC310 Datasheet
850Kb / 12P
High-Side Current-Sense Amplifier with Low Impedance Voltage Output
logo
Zowie Technology Corpor...
SC310 ZOWIE-SC310 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SC310H ZOWIE-SC310H Datasheet
79Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Semtech Corporation
SC310XEVB SEMTECH-SC310XEVB Datasheet
850Kb / 12P
High-Side Current-Sense Amplifier with Low Impedance Voltage Output
SC310XSKTRT SEMTECH-SC310XSKTRT Datasheet
850Kb / 12P
High-Side Current-Sense Amplifier with Low Impedance Voltage Output
More results

Similar Description - SC3102

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8011 RICHTEK-RT8011 Datasheet
414Kb / 17P
2A, 4MHz, Synchronous Step-Down Regulator
logo
Semtech Corporation
SC183C SEMTECH-SC183C Datasheet
1Mb / 20P
2.5MHz, 2A Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT8015 RICHTEK-RT8015 Datasheet
296Kb / 15P
2A, 2MHz, Synchronous Step-Down Regulator
logo
Global Mixed-mode Techn...
G5719 GMT-G5719 Datasheet
86Kb / 2P
1MHz, 2A Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6163 FEELING-FP6163 Datasheet
667Kb / 19P
1.5MHz, 2A Synchronous Step-Down Regulator
FP6169 FEELING-FP6169 Datasheet
446Kb / 13P
1.5MHz, 2A Synchronous Step-Down Regulator
FP6172 FEELING-FP6172 Datasheet
392Kb / 12P
1MHz, 2A Synchronous Step-Down Regulator
logo
Shenzhen Huazhimei Semi...
HM1482D HMSEMI-HM1482D Datasheet
1Mb / 7P
30V 2A Synchronous Step-Down Regulator
HM8114 HMSEMI-HM8114 Datasheet
1Mb / 7P
30V 2A 500KHz Synchronous Step-Down Regulator
HM2259C HMSEMI-HM2259C Datasheet
1Mb / 7P
18V 2A 600KHz Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com