Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1765T Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 35Page - Infineon Technologies AG TC1765T Datasheet HTML 36Page - Infineon Technologies AG TC1765T Datasheet HTML 37Page - Infineon Technologies AG TC1765T Datasheet HTML 38Page - Infineon Technologies AG TC1765T Datasheet HTML 39Page - Infineon Technologies AG TC1765T Datasheet HTML 40Page - Infineon Technologies AG TC1765T Datasheet HTML 41Page - Infineon Technologies AG TC1765T Datasheet HTML 42Page - Infineon Technologies AG TC1765T Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
TC1765
Data Sheet
35
V1.2, 2002-12
Preliminary
Table 3
Block Address Map of Segment 15
Symbol Description
Address Range
Size
SCU
System Control Unit
F000 0000H - F000 00FFH
256 Bytes
–
Reserved
F000 0100H - F000 01FFH
–
BCU
Bus Control Unit
F000 0200H - F000 02FFH
256 Bytes
STM
System Timer
F000 0300H - F000 03FFH
256 Bytes
OCDS
On-Chip Debug Support
F000 0400H - F000 04FFH
256 Bytes
EBU
External Bus Unit
F000 0500H - F000 05FFH
256 Bytes
–
Reserved
F000 0600H - F000 06FFH
–
GPTU
General Purpose Timer Unit
F000 0700H - F000 07FFH
256 Bytes
ASC0
Async./Sync. Serial Interface 0 F000 0800H - F000 08FFH
256 Bytes
ASC1
Async./Sync. Serial Interface 1 F000 0900H - F000 09FFH
256 Bytes
SSC0
High-Speed Synchronous
Serial Interface 0
F000 0A00H - F000-0AFFH
256 Bytes
SSC1
High-Speed Synchronous
Serial Interface 1
F000 0B00H - F000-0BFFH 256 Bytes
–
Reserved
F000 0C00H - F000 17FFH
–
GPTA
General Purpose Timer Array
F000 1800H - F000 1FFFH
8
× 256 Bytes
–
Reserved
F000 2000H - F000 21FFH
–
ADC0
Analog-to-Digital Converter 0
F000 2200H - F000 23FFH
2
× 256 Bytes
ADC1
Analog-to-Digital Converter 1
F000 2400H - F000 25FFH
2
× 256 Bytes
–
Reserved
F000 2600H - F000 27FFH
–
P0
Port 0
F000 2800H - F000 28FFH
256 Bytes
P1
Port 1
F000 2900H - F000 29FFH
256 Bytes
P2
Port 2
F000 2A00H - F000 2AFFH
256 Bytes
P3
Port 3
F000 2B00H - F000 2BFFH
256 Bytes
P4
Port 4
F000 2C00H - F000 2CFFH 256 Bytes
P5
Port 5
F000 2D00H - F000 2DFFH 256 Bytes
–
Reserved
F000 2E00H - F000 3BFFH
–
DMA
DMA Controller
F000 3C00H - F000 3DFFH 2 × 256 Bytes
–
Reserved
F000 3E00H - F00F FFFFH –
CAN1)
Controller Area Network
Module
F010 0000H - F010 0BFFH
12
× 256 Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com