Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1765T Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 17Page - Infineon Technologies AG TC1765T Datasheet HTML 18Page - Infineon Technologies AG TC1765T Datasheet HTML 19Page - Infineon Technologies AG TC1765T Datasheet HTML 20Page - Infineon Technologies AG TC1765T Datasheet HTML 21Page - Infineon Technologies AG TC1765T Datasheet HTML 22Page - Infineon Technologies AG TC1765T Datasheet HTML 23Page - Infineon Technologies AG TC1765T Datasheet HTML 24Page - Infineon Technologies AG TC1765T Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
TC1765
Data Sheet
17
V1.2, 2002-12
Preliminary
VDDM
B4
–
ADC Analog Part Power Supply (5 V)10)
VSSM
A4
–
ADC Analog Part Ground for
VDDM
VDDA0
A9
–
ADC0 Analog Part Power Supply (2.5 V)9)
VSSA0
B7
–
ADC0 Analog Part Ground for
VDDA0
VDDA1
G4
–
ADC1 Analog Part Power Supply (2.5 V)9)
VSSA1
D1
–
ADC1 Analog Part Ground for
VDDA1
VAREF0
A8
–
ADC0 Reference Voltage10)
VAGND0
C6
–
ADC0 Reference Ground
VAREF1
C1
–
ADC1 Reference Voltage10)
VAGND1
E2
–
ADC1 Reference Ground10)
N.C.
V17,
V18
–
Not Connected; reserved for future expansions
1) These pins have a drive capability of 600
µA when used as outputs.
2) These pins can be connected with internal pull-up devices by setting bit SCU_CON.EBUDPEN.
3) These outputs have a drive capability of 600
µA.
4) These pins can be connected with internal pull-up devices by setting bit SCU_CON.EBUAPEN.
5) These pins can be connected with internal pull-up devices by setting bit SCU_CON.EBUCPEN.
6) These pins have a drive capability of 2.4 mA when used as outputs.
7) These pins have an internal pull-down device connected.
8) These pins have an internal pull-up device connected.
9) The voltage on power supply pins marked with 10) has to be raised earlier or at least at the same time (= time
window of 1
µs) than on power supply pins marked with 9) (details see power supply section on Page 54).
10) See note 9).
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin
In
Out
Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com