Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1765T Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 45Page - Infineon Technologies AG TC1765T Datasheet HTML 46Page - Infineon Technologies AG TC1765T Datasheet HTML 47Page - Infineon Technologies AG TC1765T Datasheet HTML 48Page - Infineon Technologies AG TC1765T Datasheet HTML 49Page - Infineon Technologies AG TC1765T Datasheet HTML 50Page - Infineon Technologies AG TC1765T Datasheet HTML 51Page - Infineon Technologies AG TC1765T Datasheet HTML 52Page - Infineon Technologies AG TC1765T Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
TC1765
Data Sheet
45
V1.2, 2002-12
Preliminary
Interrupt System
An interrupt request is serviced by the CPU. Interrupt requests are also called “Service
Requests” because they are serviced by a “Service Provider”, the CPU.
Each peripheral unit in the TC1765 typically generates service requests. Additionally, the
Bus Control Unit, the Debug Unit, the DMA controller, and even the CPU itself can
generate service requests. Several peripheral units are able to generate in parallel to a
service request DMA requests to the DMA Controller.
As shown in Figure 14, each TC1765 unit that can generate service requests is
connected to one or multiple Service Request Nodes (SRN). Each SRN contains a
Service Request Control Register mod_SRCx, where “mod” is the identifier of the
service requesting unit and “x” an optional index. The Interrupt arbitration bus connects
the SRNs with the Interrupt Control Unit, which handles interrupt arbitration among
competing interrupt service requests.
Units which can generate service requests are:
– General Purpose Timer Unit (GPTU) with 8 SRNs
– General Purpose Timer Array (GPTA) with 54 SRNs
– Two High-Speed Synchronous Serial Interfaces (SSC0/SSC1) with 3 SRNs each
– Two Asynchronous/Synchronous Serial Interfaces (ASC0/ASC1) with 4 SRNs each
– TwinCAN controller with 8 SRNs
– Two Analog/Digital Converters (ADC0/ADC1) with 4 SRNs each
– Bus Control Unit (BCU) with 1 SRN
– DMA Controller Processor (DMA) with 8 SRNs
– Central Processing Unit (CPU) with 4 SRNs
– Debug Unit (OCDS) with 1 SRN
– Central Processing Unit (CPU) with 4 SRNs (software activated)
External interrupt inputs in TC1765 are available using the input pins connected to the
General Purpose Timer Unit (GPTU). Each of the seven GPTU I/O pins can be used as
an external interrupt input, using the Service Request Nodes of the GPTU module.
Additionally, such an external interrupt input can also trigger a timer function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com