Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1765T Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 47Page - Infineon Technologies AG TC1765T Datasheet HTML 48Page - Infineon Technologies AG TC1765T Datasheet HTML 49Page - Infineon Technologies AG TC1765T Datasheet HTML 50Page - Infineon Technologies AG TC1765T Datasheet HTML 51Page - Infineon Technologies AG TC1765T Datasheet HTML 52Page - Infineon Technologies AG TC1765T Datasheet HTML 53Page - Infineon Technologies AG TC1765T Datasheet HTML 54Page - Infineon Technologies AG TC1765T Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 88 page
background image
TC1765
Data Sheet
47
V1.2, 2002-12
Preliminary
Boot Options
The TC1765 booting schemes provides a number of different boot options for the start
of code execution. Table 4 shows the boot options available in the TC1765.
Table 4
TC1765 Boot Selections
OCDSE
BRKIN
CFG[2:0] Type of Boot
Boot Source PC Start
Value
11
000B
Start from Boot ROM
Entry Point 1
Boot ROM
BFFF FFFCH
001B
Start from Boot ROM
Entry Point 2
010B
Start from Boot ROM
Entry Point 3
011B
Start from Boot ROM
Entry Point 4
100B
External memory as
master directly
PMU - EBU
External
Memory
A000 0000H
101B
External memory via
PMU - FPI Bus - EBU
110B
Reserved; don’t use these combinations.
111B
01
100B
or
101B
Go to halt with EBU
enabled as master
––
all other
combina-
tions
Go to halt with EBU
disabled
0
0
–
Go to external emulator
space
–
BE00 0000H
1
0
–
Tri-state chip
(deep sleep)
––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com