Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4925 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4925
Description  Differential Hall Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4925 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4925 Datasheet HTML 1Page - Infineon Technologies AG TLE4925 Datasheet HTML 2Page - Infineon Technologies AG TLE4925 Datasheet HTML 3Page - Infineon Technologies AG TLE4925 Datasheet HTML 4Page - Infineon Technologies AG TLE4925 Datasheet HTML 5Page - Infineon Technologies AG TLE4925 Datasheet HTML 6Page - Infineon Technologies AG TLE4925 Datasheet HTML 7Page - Infineon Technologies AG TLE4925 Datasheet HTML 8Page - Infineon Technologies AG TLE4925 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
PRELIMINARY
Page 5 of 25
1.1 Absolute Maximum Ratings
No.
Parameter
Symbol
min
Typ
max
Unit
Remarks
1.1.1
Supply voltage
VS
-18
-24
-26
-28
18
24
26
28
V
V
V
V
-
1h with RSeries
≥ 200Ω1
5min with RSeries
≥ 200Ω1
1min with RSeries
≥ 200Ω1
1.1.2
Supply current
IS
-10
25
mA
-
1.1.3
Output OFF voltage
VQ
-0.3
-0.3
-0.3
-1.0
18
24
26
-
V
V
V
V
-
1h with RLoad
≥ 500Ω
5min with RLoad
≥ 500Ω
1h (protected by internal
series resistor)
1.1.4
Output ON voltage
VQ
-
-
-
16
18
24
V
V
V
Current internal limited by
short circuit protection
(72h @ TA
< 40°C).
Current internal limited by
short circuit protection
(1h @ TA
< 40°C).
Current internal limited by
short circuit protection
(1min @ TA
< 40°C).
1.1.5
Continuous output
current
IQ
-50
50
mA
-
1.1.6
Junction temperature
Tj
-40
155
165
175
195
°C
°C
°C
°C
°C
-
2000h (not additive)
1000h (not additive)
168 h (not additive)
3 x1 h (additive to the
other life times).
1.1.7
Storage temperature
TS
-40
150
°C
-
1.1.8
Thermal resistance
junction-air for
P-SSO-3-6
P-SSO-3-9
Rth JA
190
K/W
Lower values are possible
with overmoulded devices.
Note: Stresses above those listed here may cause permanent damage to the device. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
1 Accumulated life time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com