Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4925 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4925
Description  Differential Hall Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4925 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4925 Datasheet HTML 7Page - Infineon Technologies AG TLE4925 Datasheet HTML 8Page - Infineon Technologies AG TLE4925 Datasheet HTML 9Page - Infineon Technologies AG TLE4925 Datasheet HTML 10Page - Infineon Technologies AG TLE4925 Datasheet HTML 11Page - Infineon Technologies AG TLE4925 Datasheet HTML 12Page - Infineon Technologies AG TLE4925 Datasheet HTML 13Page - Infineon Technologies AG TLE4925 Datasheet HTML 14Page - Infineon Technologies AG TLE4925 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
PRELIMINARY
Page 11 of 25
Note: The listed characteristics are ensured over the operating range of the integrated circuit. Typical
characteristics specify mean values expected over the production spread. If not otherwise
specified, typical characteristics apply at Tj=25°C and the given supply voltage.
3.1 Self-calibration Characteristics
No.
Parameter
Symbol
min
typ
max
Unit
Remarks
3.1.1
No. of transitions for
signal output at startup
(startup mode)
nStart
2
-
-
3.1.2
No. of transitions for
entering running mode
nCalib
7
-
Low accuracy of
switching timing
permitted
45
7
50
7
55
7
%
∆B
PP = 10mT ideal
sinusoidal input
signal (Tj=25°C)
3.1.3
Duty cycle in running
mode
11
Dty
40
7
50
7
60
7
%
∆B
PP = 10mT ideal
sinusoidal input
signal
(-40°C
≤ T
j < 175°C)
σ1
≤ ±0.1112
%
∆B
PP = 10mT ideal
sinusoidal input
signal; Tj<150°C
3.1.4
Signal jitter in running
mode; 1 sigma value
7
σ2
≤ ±0.168
%
∆B
PP = 10mT ideal
sinusoidal input
signal;
150°C
≤ T
j < 175°C
3.1.5
Signal Jitter in running
mode at power supply of
Vs=13V and ripple
±3V;
1 sigma value*
σ3
≤ ±0.11
%
∆B
PP = 10mT ideal
sinusoidal input
signal; Tj<150°C
11 this corresponds to a
∆B
0 = 0mT (magnetic offset).
12 typical half value of TLE4941-2 performance (depends largely on
∆B
min
and also on f).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com