Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4925 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4925
Description  Differential Hall Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4925 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4925 Datasheet HTML 4Page - Infineon Technologies AG TLE4925 Datasheet HTML 5Page - Infineon Technologies AG TLE4925 Datasheet HTML 6Page - Infineon Technologies AG TLE4925 Datasheet HTML 7Page - Infineon Technologies AG TLE4925 Datasheet HTML 8Page - Infineon Technologies AG TLE4925 Datasheet HTML 9Page - Infineon Technologies AG TLE4925 Datasheet HTML 10Page - Infineon Technologies AG TLE4925 Datasheet HTML 11Page - Infineon Technologies AG TLE4925 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
PRELIMINARY
Page 8 of 25
2.1 Operating Range
No.
Parameter
Symbol
min
typ
max
Unit
Remarks
18
V
Continuous
24
V
1h with RSeries
≥ 200Ω
3.3
26
V
5min with RSeries
≥
200
Ω.
Extended limits for
parameters in
characteristics.
2.1.1
Supply voltage
VS
3
V
During test pulse 4.
2.1.2
Supply voltage ripple
VSAC
6
Vpp
VS=13V; 0 < f < 50kHz
-0.3
18
V
Continuous
2.1.3
Continuous output OFF
voltage
VQ
-18
24
V
1h with RLoad
≥ 500Ω
2.1.4
Continuous output ON
current
IQ
0
20
mA
VQmax=0.6V
2.1.5
Power on time
ton
1
ms
Time to achieve
specified accuracy
After power on the
output of the IC is
always in high-state.
After internal resets
output is locked
3.
-40
°C
-
155
°C
2000 h (not additive)
165
°C
1000 h (not additive)
2.1.6
Operating junction
temperature
Tj
175
°C
168 h (not additive)
reduced signal
quality permittable
(e.g. jitter)
Note: Unless otherwise noted, all temperatures refer to junction temperature.
For the supply voltage lower than 28V (RSeries
≥ 200Ω) and junction temperature lower than 195°C
the magnetic and AC/DC characteristics can exceed the specification limits.
3 Output of the IC is locked in present state (high-state or low-state) after an internal reset is launched.
This reset happens typically every 780ms when there is no significant signal change. See also 2.2.14. A
voltage reset causes a release of the output and output is in high state after power on again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com