Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4925 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4925
Description  Differential Hall Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4925 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4925 Datasheet HTML 5Page - Infineon Technologies AG TLE4925 Datasheet HTML 6Page - Infineon Technologies AG TLE4925 Datasheet HTML 7Page - Infineon Technologies AG TLE4925 Datasheet HTML 8Page - Infineon Technologies AG TLE4925 Datasheet HTML 9Page - Infineon Technologies AG TLE4925 Datasheet HTML 10Page - Infineon Technologies AG TLE4925 Datasheet HTML 11Page - Infineon Technologies AG TLE4925 Datasheet HTML 12Page - Infineon Technologies AG TLE4925 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
PRELIMINARY
Page 9 of 25
2.2 AC/DC Characteristics
Over operating range, unless otherwise specified. Typical values correspond to VS=12V and TA=25°C
No.
Parameter
Symbol
min
typ
max
Unit
Remarks
2.2.1
Supply current
IS
3
6.8
9
mA
-
2.2.2
Supply current @ 3.3V
ISVmin
3
6.7
8
mA
VS=3.3V
2.2.3
Supply current @ 24V
ISmax
3
7
9.5
mA
VS=24V
RSeries
≥ 200Ω
2.2.4
Output saturation
voltage
VQsat
0.25
0.6
V
IQ= 20mA
2.2.5
Output leakage current
IQleak
0.1
10
µA
VQ= 18V
2.2.6
Current limit for short-
Circuit protection
IQshort
30
60
80
mA
-
2.2.7
Junction temperature
limit for output protection
Tprot
195
210
230
°C
-
2.2.8
Output rise time
TLE4925C (P-SSO-3-9)
TLE4925 (P-SSO-3-6)
tr
4
4
4
12
12
20
20
µs
µs
VLoad = 4.5 to 24V
RLoad = 1.2k
Ω;
CLoad = 4.7nF included
in package.
VLoad = 4.5 to 24V
RLoad = 1.2k
Ω;
CLoad = 4.7nF
external capacitor.
2.2.9
Output fall time
TLE4925C (P-SSO-3-9)
TLE4925 (P-SSO-3-6)
tf
5
0.5
0.65
0.5
0.65
0.9
1.15
0.9
1.15
1.3
1.65
1.3
1.65
µs
µs
µs
µs
VLoad = 5V
VLoad = 12V
RLoad = 1.2k
Ω;
CLoad = 4.7nF included
in package.
VLoad = 5V
VLoad = 12V
RLoad = 1.2k
Ω;
CLoad = 4.7nF
external capacitor.
4 value of capacitor: 4.7nF
±10%; (excluded drift due to temperature); ceramic: X7R; maximum voltage:
100V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com