Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHD5905 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # RHD5905
Description  RadHard-by-Design RHD5905 Quad Operational Amplifier Instrumentation Differential Amplifier with Enable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5905 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  RHD5905 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 6Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
SCD5905 Rev A 9/22/12
Aeroflex Plainview
ABSOLUTE MAXIMUM RATINGS
Parameter
Range
Units
Case Operating Temperature Range
-55 to +125
°C
Storage Temperature Range
-65 to +150
°C
Junction Temperature
+150
°C
Supply Voltage
VCC - VEE
+6.0
V
Input Voltage
VCC +0.4
VEE -0.4
V
Lead Temperature (soldering, 10 seconds)
300
°C
Thermal Resistance, Junction to Case,
jc
7
°C/W
ESD Rating
2.0
KV
Power @ 25°C
200
mW
NOTICE: Stresses above those listed under “Absolute Maximums Rating” may cause permanent damage to the device. These are stress rating only;
functional operation beyond the “Operation Conditions” is not recommended and extended exposure beyond the “Operation Conditions” may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Typical
Units
+VCC
Power Supply Voltage
3.3 to 5.0
V
Vcm
Input Common Mode Range
VCC to VEE
V
ELECTRICAL PERFORMANCE CHARACTERISTICS
(TC = -55°C TO +125°C, +VCC = +5.0V -- UNLESS OTHERWISE SPECIFIED)
Parameter
Symbol
Conditions
Min
Max
Units
Input Offset Voltage
VOS
-2
2mV
Input Offset Current
IOS
TC = +25°C, -55°C
-100
100
pA
TC = +125°C
-500
500
Input Bias Current
IB
TC = +25°C, -55°C
-100
100
pA
TC = +125°C
-1000
1000
Input Offset TempCo 2/VIOST
10
uV/C
Common Mode Rejection Ratio
CMRR
70
dB
Power Supply Rejection Ratio
PSRR
70
dB
Output Voltage High
VOH
ROUT = 720 ohms to GND
4.9
V
Output Voltage Low
VOL
ROUT = 720 ohms to VCC
0.1
V
Short Circuit
Output Current 2/
IO(SINK)VOUT to VCC
-63
mA
IO(SOURCE)VOUT to VEE
45
mA
Slew Rate
SR
RL = 8K, Gain = 1
13.5
V/uS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com