Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHD5905 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # RHD5905
Description  RadHard-by-Design RHD5905 Quad Operational Amplifier Instrumentation Differential Amplifier with Enable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5905 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  RHD5905 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 6Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
SCD5905 Rev A 9/22/12
Aeroflex Plainview
Inverting Amplifier
R1
R3
VOUT
VIN
+5V
R4
R2
+5V
Vbias
VOUT
VIN
R2
R1
-------
–
=
EN
Non Inverting Amplifier
R1
R3
VOUT
VIN
R4
R2
+5V
+5V
Vbias
VOUT
VIN 1
R2
R1
-------
+
=
EN
Note: For VOUT DC @ mid range of common mode voltage range, VBIAS = 2.5/(1+R2/R1), VBIAS = +5*R4/(R3+R4)
R1
R2
VOUT
VIN
Inverting Amplifier
VOUT
VIN
R2
R1
-------
–
=
-2.5V
+2.5V
EN
VIN
VOUT
R2
R1
Non Inverting Amplifier
VOUT
VIN 1
R2
R1
-------
+
=
-2.5V
+2.5V
EN
RHD5905 QUAD OPERATIONAL AMPLIFIER APPLICATION NOTES
APPLICATION NOTE 1: DUAL POWER SUPPLY AMPLIFIER
APPLICATION NOTE 2: SINGLE POWER SUPPLY AMPLIFIER



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com