Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHD5905 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # RHD5905
Description  RadHard-by-Design RHD5905 Quad Operational Amplifier Instrumentation Differential Amplifier with Enable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5905 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  RHD5905 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 6Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SCD5905 Rev A
RadHard-by-Design
Standard Products
Preview
September 22, 2012
www.aeroflex.com/RHDseries
RHD5905 Quad Operational Amplifier
Instrumentation Differential Amplifier
with Enable
FEATURES
❑ Single power supply operation (3.3V to 5.0V) or dual power supply operation (±1.65 to ±2.5V)
❑ Radiation performance
- Total dose:
>1Mrad(Si); Dose rate = 50 - 300 rads(Si)/s
- ELDRS Immune
- SEL Immune
>100 MeV-cm2/mg
- Neutron Displacement Damage
>1014 neutrons/cm2
❑ Differential Outputs
❑ Rail-to-Rail input and output range
❑ Enable pin to Enable/Disable amplifiers in pairs.
❑ Short Circuit Tolerant
❑ Full military temperature range
❑ Designed for aerospace and high reliability space applications
❑ Packaging – Hermetic ceramic SOIC
- 20-pin, 0.30"W x 0.50" L x 0.12"Ht SOIC
- Typical Weight 1.6 grams
GENERAL DESCRIPTION
Aeroflex’s RHD5905 is a radiation hardened, single supply, differential, instrumentation, quad operational
amplifier with enable in a 20-pin SOIC package. The RHD5905 design uses specific circuit topology and
layout methods to mitigate total ionizing dose effects and single event latchup. These characteristics make
the RHD5905 especially suited for the harsh environment encountered in Deep Space missions. It is
guaranteed operational from -55°C to +125°C. Available screened in accordance with MIL-PRF-38534
Class K, the RHD5905 is ideal for demanding military and space applications.
ORGANIZATION AND APPLICATION
The RHD5905 amplifiers are capable of rail-to-rail input and outputs. Performance characteristics listed
are for general purpose operational 5V CMOS amplifier applications. The amplifiers will drive substantial
resistive or capacitive loads and are unity gain stable under normal conditions. Resistive loads in the low
kohm range can be handled without gain derating and capacitive loads of several nF can be tolerated.
CMOS device drive has a negative temperature coefficient and the devices are therefore inherently tolerant
to momentary shorts, although on chip thermal shutdown is not provided. All inputs and outputs are diode
protected.
The devices will not latch with SEU events to above 100 MeV-cm2/mg. Total dose degradation is minimal
to above 1Mrad(Si). Displacement damage environments to neutron fluence equivalents in the mid 1014
neutrons per cm2 range are readily tolerated. There is no sensitivity to low-dose rate (ELDRS) effects. SEU
effects are application dependant.
The RHD5905 is configured with enable/disable control. Pairs of amplifiers are put in a power-down
condition with their outputs in a high impedance state. Several useful operational amplifier configurations
are supported where more than one amplifier can feed an output with others disabled.


Similar Part No. - RHD5905

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5900 AEROFLEX-RHD5900 Datasheet
281Kb / 6P
RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-201-1S AEROFLEX-RHD5900-201-1S Datasheet
281Kb / 6P
RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-201-2S AEROFLEX-RHD5900-201-2S Datasheet
281Kb / 6P
RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-901-1S AEROFLEX-RHD5900-901-1S Datasheet
281Kb / 6P
RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-901-2S AEROFLEX-RHD5900-901-2S Datasheet
281Kb / 6P
RadHard-by-Design RHD5900 Quad Operational Amplifier
More results

Similar Description - RHD5905

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
UA725 FAIRCHILD-UA725 Datasheet
397Kb / 12P
INSTRUMENTATION OPERATIONAL AMPLIFIER
logo
First Components Intern...
LM324 FCI-LM324 Datasheet
53Kb / 2P
Quad Differential Input Operational Amplifier
logo
Analog Devices
OP05AJ AD-OP05AJ Datasheet
426Kb / 8P
Instrumentation Operational Amplifier
OP05 AD-OP05_15 Datasheet
428Kb / 8P
instrumentation Operational Amplifier
logo
Aeroflex Circuit Techno...
RHD5900 AEROFLEX-RHD5900 Datasheet
281Kb / 6P
RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5901 AEROFLEX-RHD5901 Datasheet
294Kb / 7P
RadHard-by-Design RHD5901 Quad Operational Amplifier Hi-Z Output Control
RHD5902 AEROFLEX-RHD5902 Datasheet
304Kb / 7P
RadHard-by-Design RHD5902 Quad Operational Amplifier High Speed with Enables
RHD5903 AEROFLEX-RHD5903 Datasheet
353Kb / 6P
RadHard-by-Design RHD5903 Quad Operational Amplifier Differential Outputs with Enable
RHD5904 AEROFLEX-RHD5904 Datasheet
285Kb / 7P
RadHard-by-Design RHD5904 Quad Operational Amplifier Instrumentation Amplifier with Enables
RHD5911 AEROFLEX-RHD5911 Datasheet
257Kb / 5P
RadHard-by-Design RHD5911 Quad Comparator Clocked
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com