Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHD5905 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # RHD5905
Description  RadHard-by-Design RHD5905 Quad Operational Amplifier Instrumentation Differential Amplifier with Enable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5905 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  RHD5905 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 6Page - Aeroflex Circuit Technology RHD5905 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
SCD5905 Rev A 9/22/12
Aeroflex Plainview
Open Loop Gain 2/AOL
No Load
100
dB
Unity Gain Bandwidth 2/
UGBW
35 Typical @ RL = 10K
MHz
Input Voltage - Enable (EN_AB,
EN_CD)
VHI
High (Enabled)
70%
VCC - VEE
V
VLO
Low (Disabled)
30%
VCC - VEE
V
Input Current - Enable
(EN_AB, EN_CD)
IEN
100
nA
Quiescent Supply Current
ICCQ
All Amplifiers Enabled, No Load
5.5
mA
All Amplifier Disabled
1
uA
Channel Separation 2/RL = 2K, f = 1.0KHz
90
dB
Input-Referred Voltage Noise 2/
en
46 Typical @ F = 5 kHz
nV/
Phase Margin 2/
m
30
Deg
Notes:
1/ Specification derated to reflect Total Dose exposure to 1 Mrad(Si) @ +25°C.
2/ Not tested. Shall be guaranteed by design, characterization, or correlation to other test parameters.
SWITCHING CHARACTERISTICS
(TC = -55°C TO +125°C, +VCC = +5.0V -- UNLESS OTHERWISE SPECIFIED)
Parameter
Symbol
Conditions
Min
Max
Units
Output Delay (Enabled)
tONEN
100
ns
Output Delay (Disabled)
tOFFEN
100
ns
ELECTRICAL PERFORMANCE CHARACTERISTICS (continued)
(TC = -55°C TO +125°C, +VCC = +5.0V -- UNLESS OTHERWISE SPECIFIED)
Parameter
Symbol
Conditions
Min
Max
Units
VCC
50%
VCC
GND
tOFFEN
tONEN
GND
HI Z
HI Z
(EN_AB or EN_CD)
VOUT
FIGURE 3: RHD5905 SWITCHING DIAGRAM
ENABLES
(VOUT_A&B or VOUT_C&D)
Hz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com