Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6225 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6225
Description  Smart Quad Low-Side Switch?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6225 Datasheet(HTML) 7 Page - Infineon Technologies AG

  TLE6225 Datasheet HTML 1Page - Infineon Technologies AG TLE6225 Datasheet HTML 2Page - Infineon Technologies AG TLE6225 Datasheet HTML 3Page - Infineon Technologies AG TLE6225 Datasheet HTML 4Page - Infineon Technologies AG TLE6225 Datasheet HTML 5Page - Infineon Technologies AG TLE6225 Datasheet HTML 6Page - Infineon Technologies AG TLE6225 Datasheet HTML 7Page - Infineon Technologies AG TLE6225 Datasheet HTML 8Page - Infineon Technologies AG TLE6225 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Data Sheet TLE 6225 G
V2.1
Page
26.Aug. 2002
7
Typical electrical Characteristics
Drain-Source on-resistance
RDS(ON) = f (Tj) ; Vs = 5V
Typical Drain- Source ON-Resistance
1
1,5
2
2,5
3
3,5
-50
-25
0
25
50
75
100
125
150
175
Tj[°C]
Channel 1-4
Output Clamping Voltage
VDS(AZ) = f (Tj) ; Vs = 5V
Figure 6 :
Typical ON Resistance versus Junction-Temperature
Channel 1-4
Figure 7 :
Typical Clamp Voltage versus Junction-Temperature
Channel 1-4
Typical Clamping Voltage
48
49
50
51
52
53
54
55
-50
-25
0
25
50
75
100
125
150
175
Tj[°C]
Channel 1-4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com