Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6225 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE6225
Description  Smart Quad Low-Side Switch?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6225 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE6225 Datasheet HTML 1Page - Infineon Technologies AG TLE6225 Datasheet HTML 2Page - Infineon Technologies AG TLE6225 Datasheet HTML 3Page - Infineon Technologies AG TLE6225 Datasheet HTML 4Page - Infineon Technologies AG TLE6225 Datasheet HTML 5Page - Infineon Technologies AG TLE6225 Datasheet HTML 6Page - Infineon Technologies AG TLE6225 Datasheet HTML 7Page - Infineon Technologies AG TLE6225 Datasheet HTML 8Page - Infineon Technologies AG TLE6225 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Data Sheet TLE 6225 G
V2.1
Page
26.Aug. 2002
3
Maximum Ratings for Tj = – 40°C to 150°C
Parameter
Symbol
Values
Unit
Supply Voltage
VS
-0.3 ... +40
V
Continuous Drain Source Voltage (OUT1...OUT4)
VDS
-0.7 ... +45
V
Input Voltage, IN1 - IN4
VIN
- 0.3 ... + 7
V
Input Voltage, PRG, ENA
VIN
- 0.3 ... + 40
V
Output Load Dump Protection VLoad Dump=UP+US; UP=13.5 V
With Automotive Relay Load RL = 70
Ω
RI
1
)=2 Ω; td=400ms; IN = low or high
VLoad Dump
2
)
75
V
FAULT
Output Voltage
VFault
- 0.3 ... + 40
V
Operating Temperature Range
Storage Temperature Range
Tj
Tstg
- 40 ... + 150
- 55 ... + 150
°C
Output Current per Channel (see electrical characteristics)
ID(lim)
ID(lim) min
A
Output Clamping Energy
ID= 0.2 A
EAS
10
mJ
Power Dissipation (DC) @ TA = 25 °C (on PCB 6 cm
2 cool-
ing area)
Ptot
2.5
W
Electrostatic Discharge Voltage (Human Body Model)
according to MIL STD 883D, method 3015.7 and EOS/ESD
assn. standard S5.1 - 1993
VESD
2000
V
DIN Humidity Category, DIN 40 040
E
IEC Climatic Category, DIN IEC 68-1
40/150/56
Thermal Resistance
junction - pin
junction - ambient @ min. footprint
junction - ambient @ 6 cm
2 cooling area
RthJP
RthJA
RthJA
23
80
45
K/W
1
) R
I=internal resistance of the load dump test pulse generator LD200
2
) V
LoadDump is setup without DUT connected to the generator per ISO 7637-1 and DIN 40 839.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com