Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6225 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE6225
Description  Smart Quad Low-Side Switch?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6225 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE6225 Datasheet HTML 1Page - Infineon Technologies AG TLE6225 Datasheet HTML 2Page - Infineon Technologies AG TLE6225 Datasheet HTML 3Page - Infineon Technologies AG TLE6225 Datasheet HTML 4Page - Infineon Technologies AG TLE6225 Datasheet HTML 5Page - Infineon Technologies AG TLE6225 Datasheet HTML 6Page - Infineon Technologies AG TLE6225 Datasheet HTML 7Page - Infineon Technologies AG TLE6225 Datasheet HTML 8Page - Infineon Technologies AG TLE6225 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Data Sheet TLE 6225 G
V2.1
Page
26.Aug. 2002
2
Pin Description
Pin Configuration (Top view)
Pin
Symbol
Function
1
IN1
Input Channel 1
2
IN2
Input Channel 2
3
FAULT
General Fault Flag
4
GND
Ground
5
GND
Ground
6
GND
Ground
7
GND
Ground
8
VS
Supply Voltage
9
IN3
Input Channel 3
10
IN4
Input Channel 4
11
ENA
Enable for all channels/Standby
12
OUT4
Power Output channel 4
13
OUT3
Power Output channel 3
14
GND
Ground
15
GND
Ground
16
GND
Ground
17
GND
Ground
18
OUT2
Power Output channel 2
19
OUT1
Power Output channel 1
20
PRG
Program (inputs high or low active)
IN1
1
•
20
PRG
IN2
2
19 OUT1
FAULT
318 OUT2
GND
4
17 GND
GND
5
16 GND
GND
6
15 GND
GND
7
14 GND
VS
8
13 OUT3
IN3
9
12 OUT4
IN4
10
11 ENA
P-DSO-20-6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com