Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6225 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6225
Description  Smart Quad Low-Side Switch?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6225 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6225 Datasheet HTML 1Page - Infineon Technologies AG TLE6225 Datasheet HTML 2Page - Infineon Technologies AG TLE6225 Datasheet HTML 3Page - Infineon Technologies AG TLE6225 Datasheet HTML 4Page - Infineon Technologies AG TLE6225 Datasheet HTML 5Page - Infineon Technologies AG TLE6225 Datasheet HTML 6Page - Infineon Technologies AG TLE6225 Datasheet HTML 7Page - Infineon Technologies AG TLE6225 Datasheet HTML 8Page - Infineon Technologies AG TLE6225 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Sheet TLE 6225 G
V2.1
Page
26.Aug. 2002
1
Smart Quad Low-Side Switch
Features
Product Summary
• Shorted circuit protection
• Overtemperature protection
• Overvoltage protection
• Open Load Detection
• Direct parallel control of the inputs
• Inputs high or low active programmable
• General fault flag
• Very low standby quiescent current
• Compatible with 3V microcontrollers
• Electostatic discharge (ESD) protection
Application
• µC compatible power switch for 12 V applications
• Switch for automotive and industrial systems
• Line, relay or lamp driver
General description
Quad channel Low-Side Switch in Smart Power Technology (SPT) with four separate inputs
and four open drain DMOS output stages. The TLE 6225 G is protected by embedded protec-
tion functions and designed for automotive and industrial applications, to drive lines, lamps
and relays.
Block Diagram
Output Stage
Output Control
Buffer
Over Temp.
Open Load
Logic
4
GND
1
4
OUT1
OUT4
ENA
FAULT
VS
Diagnostic,
Protection
IN1
PRG
VS
as Ch. 1
GND
as Ch. 1
IN4
as Ch. 1
Vbb
Supply voltage
VS
4.5 – 32
V
Drain source voltage
VDS(AZ)max 60
V
On resistance
RON
1.7
Ω
Output current(each)
ID(NOM)
350
mA
(individ.)
500
mA
P-DSO 20-6
Ordering Code:
Q 67006 A9373


Similar Part No. - TLE6225

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6220 INFINEON-TLE6220 Datasheet
739Kb / 17P
Smart Quad Low-Side Switch???
V1.1 26.Aug. 2002
TLE6220GP INFINEON-TLE6220GP Datasheet
739Kb / 17P
Smart Quad Low-Side Switch???
V1.1 26.Aug. 2002
TLE6220GP INFINEON-TLE6220GP Datasheet
304Kb / 19P
Smart Quad Low-Side Switch Short Circuit Protection
V2.1 2007-05-03
TLE6220GP INFINEON-TLE6220GP Datasheet
378Kb / 19P
Smart Quad Low-Side Switch
V2.2 2009-11-18
TLE6220GP INFINEON-TLE6220GP_07 Datasheet
304Kb / 19P
Smart Quad Low-Side Switch Short Circuit Protection
V2.1 2007-05-03
More results

Similar Description - TLE6225

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE5216G SIEMENS-TLE5216G Datasheet
88Kb / 17P
Smart Quad Channel Low-Side Switch
logo
Infineon Technologies A...
TLE6220GP INFINEON-TLE6220GP Datasheet
739Kb / 17P
Smart Quad Low-Side Switch???
V1.1 26.Aug. 2002
TLE6228GP INFINEON-TLE6228GP Datasheet
753Kb / 18P
Smart Quad Channel Low-Side Switch?
V3.1 26. Aug. 2002 1
TLE6216G INFINEON-TLE6216G Datasheet
267Kb / 17P
Smart Quad Channel Low-Side Switch
V7.1 18.10.02
TLE6217G INFINEON-TLE6217G Datasheet
207Kb / 20P
Smart Quad Channel Low-Side Switch
V5 30. 07. 2002
Q67006-A9315 INFINEON-Q67006-A9315 Datasheet
740Kb / 17P
Smart Quad Low-Side Switch
V1.1 26.Aug. 2002
TLE6228GP INFINEON-TLE6228GP_10 Datasheet
1Mb / 19P
Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
TLE6228 INFINEON-TLE6228_10 Datasheet
1Mb / 19P
Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
TLE6217G INFINEON-TLE6217G_08 Datasheet
391Kb / 19P
Smart Quad Channel Low-Side Switch
Rev. 6.1, 2008-04
TLE6220GP INFINEON-TLE6220GP_09 Datasheet
378Kb / 19P
Smart Quad Low-Side Switch
V2.2 2009-11-18
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com