Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT699SEA Datasheet(PDF) 26 Page - Aeroflex Circuit Technology

Part # UT699SEA
Description  UT699 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699SEA Datasheet(HTML) 26 Page - Aeroflex Circuit Technology

Back Button UT699SEA Datasheet HTML 22Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 23Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 24Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 25Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 26Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 27Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 28Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 29Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 30Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
26
Figure 5. Memory Interface, ERROR, and WDOG Output Timing Diagram
4.3 Input Timing Characteristics for Memory Interface
(VDD = 3.3V + 0.3V; VDDC = 2.5V + 0.2V; TC = -40
oC to 105oC)
Notes:
1. CB[7] is not used for EDAC and is not tested
2. Guaranteed by design.
.
Figure 6. Memory Interface Input Timing Diagram
Symbol
Description
Min
Max
Units
t51
Setup time to SDCLK
(DATA[31:0], CB[6:0], BEXC, and synchronous BRDY)
0-
ns
t61
Hold time from SDCLK
(DATA[31:0], CB[6:0], BEXC, and synchronous BRDY)
1-
ns
t72
Asynchronous BRDY pulse width
1.5
-
tCLK
t4
t8
t3
t2
t1
t9
t9
SDCLK
All Outputs
DATA[31:0] and CB[7:0]
ERROR and WDOG
(Except Bi-Directs
and Open-Drains)
WRITE and RWE[3:0]
(Bi-Direct Outputs)
(Open-Drain Outputs)
t6
t5
t7
t7
SDCLK
All Inputs
Asynchronous BRDY
(Except Async BRDY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com