Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT699SEA Datasheet(PDF) 31 Page - Aeroflex Circuit Technology

Part # UT699SEA
Description  UT699 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699SEA Datasheet(HTML) 31 Page - Aeroflex Circuit Technology

Back Button UT699SEA Datasheet HTML 27Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 28Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 29Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 30Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 31Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 32Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 33Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 34Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 35Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
31
4.7 Timing Characteristics for Ethernet Interface
(VDD = 3.3V + 0.3V; VDDC = 2.5V + 0.2V; TC = -40
oC to 105oC)
Notes:
1. All outputs are measured using the load conditions shown in Figure 15.
2. ERX_COL and ERX_CRS are asynchronous inputs and are not tested.
3. fEMDC = fSYSCLK / 202.
4. Guaranteed by design.
Figure 13. Ethernet Transmit and Receive Timing
Symbol
Description
Conditions
Min
Max
Units
t251
ETX_CLKto output valid
(ETXD[3:0], and ETX_EN)
28
ns
t262
Setup time to ERX_CLK
(ERX_DV4ERX_ER, and ERXD[3:0])
1--
ns
t272
Hold time from ERX_CLK
(ERX_DV4ERX_ER, and ERXD[3:0])
1--
ns
t281
EMDCto output valid (EMDIO)
fEMDC= 123KHz
3; f
SYSCLK = 25MHz
211
ns
t294
Setup time to EMDC(EMDIO)
10
--
ns
t304
Hold time from EMDC(EMDIO)
5
--
ns
t27
t26
t25
ETX_CLK
All Outputs
ERX_CLK
All Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com