Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT699SEA Datasheet(PDF) 23 Page - Aeroflex Circuit Technology

Part # UT699SEA
Description  UT699 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699SEA Datasheet(HTML) 23 Page - Aeroflex Circuit Technology

Back Button UT699SEA Datasheet HTML 19Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 20Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 21Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 22Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 23Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 24Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 25Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 26Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 27Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
23
4.0 Timing Specifications
4.1 Power Sequencing and Reset
(VDD = 3.3V + 0.3V; VDDC = 2.5V + 0.2V; TC = -40
oC to 105oC)
Notes:
1. Guaranteed by design.
2. Guaranteed by design for control signals.
Symbol
Description
Conditions
Min
Max
Units
tVCD
1
VDD valid to VDDC delay
VDD > 3.0V; VDDC > 2.30V
0
--
ns
tVHBZ
1
VDD valid to control signals high-Z
(WRITE, OE, IOS, ROMS[1:0],
RWE[3:0], RAMOE [4:0], READ
SDWE, and SDCS[1:0])
VDD valid to outputs high-Z
([DATA[31:0], CB[7:0], and GPIO[15:0])
VDD > 1.5V; VDDC = 0V
--
4
tCLK
tCHBV
1
VDDC valid to control signals valid-inac-
tive
(WRITE, OE, IOS, ROMS[1:0],
RWE[3:0], RAMOE [4:0], READ
SDWE, and SDCS[1:0])
VDD > 3.0V; VDDC > 2.30V
--
4
tCLK
tRESET1
1
VDDC valid to RESET deassert
VDDC > 2.30V
4
--
tCLK
tRESET2
RESET deasserted to outputs valid-active
(ROMS[0] and OE)
--
12
tCLK
tRESET3
2
RESET asserted to control signals valid-
inactive
(WRITE, OE, IOS, ROMS[1:0],
RWE[3:0], RAMOE [4:0], READ
SDWE, and SDCS[1:0])
RESET asserted to outputs high-Z
(DATA[31:0], CB[7:0], and GPIO[15:0])
--
4
tCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com