Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT699SEA Datasheet(PDF) 17 Page - Aeroflex Circuit Technology

Part # UT699SEA
Description  UT699 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699SEA Datasheet(HTML) 17 Page - Aeroflex Circuit Technology

Back Button UT699SEA Datasheet HTML 13Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 14Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 15Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 16Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 17Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 18Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 19Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 20Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 21Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
17
3.3 Power Supply Operating Characteristics (pre- and post-radiation)
VDD = 3.3V + 0.3V; VDDC = 2.5V + 0.2V; TC = -40
oC to 105oC)
Notes:
1. During this measurement the processor is executing the Dhrystone benchmark.
2. This measurement includes the contribution due to IDDCS.
3. This measurement includes the contribution due to IDDS.
4. Power-down mode is entered by performing a WRASR instruction wr %g0, %asr19.
Symbol
Description
Conditions
Max
Units
IDDC
1,2
Active core power
supply current
VDDC = 2.7V, VDD= 3.6V
For 25MHz < fSYSCLK < 66MHz
All other clock inputs running at fSYSCLK
27
mA/MHz
IDD
1,3
Active I/O power supply
current
VDDC = 2.7, VDD = 3.6V
For 25MHz < fSYSCLK < 66MHz
All other clock inputs running at fSYSCLK
0.75
mA/MHz
IDDCS
Standby core power sup-
ply current
VDDC = 2.7V, VDD= 3.6V
fSYSCLK = 0MHz, fETH_CLK = 0MHz
fPCI_CLK = 0MHz, fSPW_CLK = 0MHz
TC = -40
oC
and 25oC
2mA
TC = 105
oC
20
IDDS
Standby I/O power sup-
ply quiescent current
VDDC = 2.7V, VDD = 3.6V
fSYSCLK = 0MHz, fETH_CLK = 0MHz,
fPCI_CLK = 0MHz, fSPW_CLK = 0MHz
0.75
mA
IPDC
4
Core power supply cur-
rent power-down mode
VDDC = 2.7V, VDD = 3.6V
fSYSCLK = 66MHz, fETH_CLK = 0MHz
fPCI_CLK = 0MHz, fSPW_CLK = 0MHz
2.75
mA/MHz
300k post rad
5
IPD
4
I/O power supply current
power-down mode
VDDC = 2.7V, VDD = 3.6V
fSYSCLK = 66MHz, fETH_CLK = 0MHz
fPCI_CLK = 0MHz, fSPW_CLK = 0MHz
0.75
mA/MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com