Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6288 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6288
Description  Smart 6 Channel Peak&Hold Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6288 Datasheet HTML 1Page - Infineon Technologies AG TLE6288 Datasheet HTML 2Page - Infineon Technologies AG TLE6288 Datasheet HTML 3Page - Infineon Technologies AG TLE6288 Datasheet HTML 4Page - Infineon Technologies AG TLE6288 Datasheet HTML 5Page - Infineon Technologies AG TLE6288 Datasheet HTML 6Page - Infineon Technologies AG TLE6288 Datasheet HTML 7Page - Infineon Technologies AG TLE6288 Datasheet HTML 8Page - Infineon Technologies AG TLE6288 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Preliminary Datasheet TLE6288 R
Vp2
Page 1
13.01.2003
TLE 6288 R : Smart 6 Channel Peak&Hold Switch
Features
Product Summary
•
3 Channel high side with adjustable P&H current control
•
3 Channel high / low side configurable
•
Protection
Over Current (current limitation)
Overtemperature
Overvoltage (active clamping)
•
Diagnosis
Over Current
Over Temperature
Open Load (Off-State)
Short to Ground (Off-state, lowside configura-
tion)
Short to Vbb (Off-state, highside configura-
tion)
•
Interface and Control
16 Bit Serial Peripheral Interface (2bit/CH)
Device programming via SPI
Separate diagnosis output for each CH ( DIAG1 – 6)
General Fault Flag + Overtemperature Flag
Direct parallel control of all channels
General enable signal to control all channels simultaneously
• Low Quiescent Current
• Compatible with 3.3V and 5V Microcontrollers
• Electostatic discharge (ESD) protection of all pins
Application
• Solenoids, Relays and Resistive Loads
• Fast protected Highside Switching (PWM up to >10kHz)
• Peak and Hold Loads (valves, coils)
General description
The TLE6288 R is a 6-channel (150m
Ω)
Smart Multichannel Switch in SPT4 Tech-
nology. The IC has embedded protection,
diagnosis and configurable functions.
Channel 1-3 are highside channels with
integrated charge pump and can be pro-
grammed individually to do autonomous
peak and hold current regulation with
PWM. Channel 4-6 (also with integrated
charge pump) can be configured to work
as highside Switch or lowside Switch. This
IC can be used to drive standard automo-
tive loads in highside or lowside applica-
tions with switching frequencies up to
10kHz. In addition the TLE6288R can be
used to drive autonomously up to 3 induc-
tive Peak&Hold (valves, coils) loads with
programmable peak and hold current val-
ues.
Supply voltage
VS
4.5 – 5.5
V
On resistance
RON 1-6 0.15
Ω
Lowside clamping voltage
Vcll (max) +55
V
Highside clamping voltage
Vclh (max) -19
V
Peak current range
Ipk
1.2 - 3.6
A
Hold current range
Ihd
0.7 - 2
A
Peak time range
Ip
0
- 3.6 ms
Fixed off time range
Ifo
100 – 400 µs
P-DSO 36-12
Ordering Code:
Charge-
pump
VCP
GND
FSIN
Channel 1-3
Highside 150 m
Peak&Hold
Channel 4 -6
Highside/ Lowside
150 m
Ω
VCC
DOUT 3 / VB
SOUT 1
SPI
SCLK
CS
SI
SO
Logic
Configuration
IN 1
DIAG 1
DIAG 5
IN 6
DIAG 6
Overtemp.
Reset VDO
CLKProg
Fault
DOUT 1
Protection
Diagnosis
Protection
Diagnosis
SOUT 3
DOUT 6
SOUT 4
DOUT 4
SOUT 6
SOUT 2
DOUT 2
SOUT 5
DOUT 5
Current
Regulation


Similar Part No. - TLE6288

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6288R INFINEON-TLE6288R Datasheet
795Kb / 32P
Smart 6 Channel Peak & Hold Switch
Rev. 2.5, Oct. 2010
TLE6288R INFINEON-TLE6288R_10 Datasheet
795Kb / 32P
Smart 6 Channel Peak & Hold Switch
Rev. 2.5, Oct. 2010
More results

Similar Description - TLE6288

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PH300 ETC-PH300 Datasheet
66Kb / 4P
PEAK HOLD DETECTOR
logo
Vishay Siliconix
2331 VISHAY-2331 Datasheet
107Kb / 1P
Readout Modules with Peak-Hold Feature
24-Feb-03
logo
Sanyo Semicon Device
LC7555 SANYO-LC7555 Datasheet
958Kb / 12P
Level Meter with Peak Hold Function
logo
Infineon Technologies A...
TLE8104E INFINEON-TLE8104E Datasheet
1Mb / 27P
Smart Quad Channel Powertrain Switch
V1.4, 2010-04-26
TLE6288R INFINEON-TLE6288R_10 Datasheet
795Kb / 32P
Smart 6 Channel Peak & Hold Switch
Rev. 2.5, Oct. 2010
logo
Diodes Incorporated
DML1005LDS DIODES-DML1005LDS Datasheet
1Mb / 10P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 2
logo
Infineon Technologies A...
TLE8102SG INFINEON-TLE8102SG_12 Datasheet
1Mb / 34P
Smart Dual Channel Powertrain Switch
V1.5, August 2012
logo
Diodes Incorporated
DML3006LFDS DIODES-DML3006LFDS Datasheet
1Mb / 9P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 3
logo
Alpha & Omega Semicondu...
AOZ1331DI AOSMD-AOZ1331DI Datasheet
1Mb / 14P
Dual Channel Smart Load Switch
AOZ1336DI AOSMD-AOZ1336DI Datasheet
1Mb / 14P
Single Channel Smart Load Switch
Rev. 1.0 January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com