Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6288 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6288
Description  Smart 6 Channel Peak&Hold Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6288 Datasheet HTML 9Page - Infineon Technologies AG TLE6288 Datasheet HTML 10Page - Infineon Technologies AG TLE6288 Datasheet HTML 11Page - Infineon Technologies AG TLE6288 Datasheet HTML 12Page - Infineon Technologies AG TLE6288 Datasheet HTML 13Page - Infineon Technologies AG TLE6288 Datasheet HTML 14Page - Infineon Technologies AG TLE6288 Datasheet HTML 15Page - Infineon Technologies AG TLE6288 Datasheet HTML 16Page - Infineon Technologies AG TLE6288 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Preliminary Datasheet TLE6288 R
Vp2
Page 13
13.01.2003
VCC = 4.5 to 5.5 V ; Tj = - 40 °C to + 150 °C ; VB = 6V to 16V ; Reset = H ; VDO = VCC
(unless otherwise specified)
Value
No. Parameter
Sym
bol
Condition
min
typ max
Unit
Pin /
Comment
6
SPI Timing
6.1
Serial Clock Frequency (de-
pending on SO load)
fSCK
DC
--
5
MHz
6.2
Serial Clock Period (1/fclk)
t
p(SCK)
200
--
--
ns
6.3
Serial Clock High Time
t
SCKH
50
--
--
ns
6.4
Serial Clock Low Time
t
SCKL
50
--
--
ns
6.5
Enable Lead Time
(falling edge of CS to falling
edge of SCLK)
t
leadL
CLKProg=L
200
--
--
ns
Enable Lead Time
(falling edge of CS to rising
edge of SCLK)
t
leadH
CLKProg=H 200
--
--
ns
6.6
Enable Lag Time (rising edge of
SCLK to rising edge ofCS )
t
lagL
CLKProg=L
200
---
--
ns
Enable Lag Time (falling edge
of SCLK to rising edge ofCS )
t
lagH
CLKProg=H 200
---
--
ns
6.7
Data Setup Time (required time
SI to rising of SCLK)
t
SUL
CLKProg=L
20
--
--
ns
Data Setup Time (required time
SI to falling of SCLK)
t
SUH
CLKProg=H 20
--
--
ns
6.8
Data Hold Time (rising edge of
SCLK to SI)
t
HL
CLKProg=L
20
--
--
ns
Data Hold Time (falling edge of
SCLK to SI)
t
HH
CLKProg=H 20
--
--
ns
6.9
Disable Time
tDIS
--
200
ns
6.10 Transfer Delay Time
2
(
CS high time between two
accesses)
tdt
200
--
--
ns
6.11 Data Valid Time
CL = 50 pF to 100pF
CL = 220 pF
tvalid
--
--
--
--
120
150
ns
1)To get the correct diagnostic information, the transfer delay time has to be extended to the maximum fault delay
time tf(fault)max = 200µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com