Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6288 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE6288
Description  Smart 6 Channel Peak&Hold Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE6288 Datasheet HTML 1Page - Infineon Technologies AG TLE6288 Datasheet HTML 2Page - Infineon Technologies AG TLE6288 Datasheet HTML 3Page - Infineon Technologies AG TLE6288 Datasheet HTML 4Page - Infineon Technologies AG TLE6288 Datasheet HTML 5Page - Infineon Technologies AG TLE6288 Datasheet HTML 6Page - Infineon Technologies AG TLE6288 Datasheet HTML 7Page - Infineon Technologies AG TLE6288 Datasheet HTML 8Page - Infineon Technologies AG TLE6288 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Preliminary Datasheet TLE6288 R
Vp2
Page 3
13.01.2003
2. Functional description
Block diagram will be added
Channel 1..3:
Only High Side Drive with Charge Pump.
Current Control
Default 2.4A peak and 1A hold with adjustable values by SPI
Types of current control are switched by SPI. ( Refer to Fig. 1)
Current regulation: Peak Current Controller with fixed Off-Time
Peak Current, Peak Time, Hold Current and Off-Time can be selected by SPI
to set average and ripple current for a given load
Channel 4..6:
Either High or Low Side Drive is configurable (by SPI)
Open load detection and switch bypassed detection can be deactivated by SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com