Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6288 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE6288
Description  Smart 6 Channel Peak&Hold Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE6288 Datasheet HTML 8Page - Infineon Technologies AG TLE6288 Datasheet HTML 9Page - Infineon Technologies AG TLE6288 Datasheet HTML 10Page - Infineon Technologies AG TLE6288 Datasheet HTML 11Page - Infineon Technologies AG TLE6288 Datasheet HTML 12Page - Infineon Technologies AG TLE6288 Datasheet HTML 13Page - Infineon Technologies AG TLE6288 Datasheet HTML 14Page - Infineon Technologies AG TLE6288 Datasheet HTML 15Page - Infineon Technologies AG TLE6288 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Preliminary Datasheet TLE6288 R
Vp2
Page 12
13.01.2003
VCC = 4.5 to 5.5 V ; Tj = - 40 °C to + 150 °C ; VB = 6V to 16V ; Reset = H ; VDO = VCC
(unless otherwise specified)
Value
No. Parameter
Sym-
bol
Condition
min
typ
max
Unit
Pin /
Comment
4
Digital Outputs
4.1
SO Low State Output
Voltage
VSOL
ISOL=2.5mA
0.4
V
SO
4.2
SO High State Output
Voltage
VSOH
ISOH=-2mA
VDO-
0.4V
V
SO
4.3
DIAG Low State Output
Voltage
IDIAGL=
50µA
0.4
V
DIAG1-6
4.4
DIAG High State Output
Voltage
IDIAGH=
-50µA
VDO-
0.4V
V
DIAG1-6
4.5
Fault Low Output Voltage Vol
Iout= 1mA
0.4
V
Fault
4.6
Fault Output leak Current Ioh
Output :OFF
V(fault) =5V
1
µA
Fault
5
Diagnostic Functions
5.1
Open Load Detection
Voltage
VDS(OL) lowside con-
figuration,
Vbat=12V
5.5
V
5.2
Open Load Detection
Voltage
VDS(OL) highside
configura-
tion,
Vbat=12V
4.5
V
5.3
Output Open Load diag-
nosis Current
Id(OL)
Vbat=Vout=
12V
20
100
500
µA
5.4
Fault Filter Time
tf(fault)
50
100
200
µs
5.5
Switch Bypass Detec-
tion Current
Id(SB)
250
µA
5.6
Overload Detection
Threshold (Channel 1-3)
IDd(lim1-
3)
4
6
A
5.7
Overload Detection
Threshold (Channel 4-6)
IDd(lim 4-
6)
3
6
A
Fig.3 : Turn on/off timings with resistive load
Input Voltage
Output Voltage
(Highside configuration)
70%
30%
t
dON
t
dOFF
t
r
t
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com