Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1553 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1553
Description  High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1553 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1553_15 Datasheet HTML 1Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 2Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 3Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 4Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 5Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 6Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 7Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 8Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MAX1553/MAX1554
High-Efficiency, 40V Step-Up
Converters for 2 to 10 White LEDs
Maxim Integrated | 2
www.maximintegrated.com
Absolute Maximum Ratings
VCC, FB, OV to GND..............................................-0.3V to +6.0V
LX to GND ..............................................................-0.3V to +45V
EN, BRT, SS to GND...................................-0.3V to (VCC + 0.3V)
ILX ...................................................................................0.9ARMS
Continuous Power Dissipation (TA = +70°C)
8-Pin 3mm x 3mm TDFN
(derate 24.4mW/°C above +70°C) .............................1951mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Electrical Characteristics
(VCC = 3.3V, VOV = 0V, COUT = 1µF, RSENSE = 10
Ω, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MAX1553
2.7
5.5
Supply Voltage
MAX1554
3.15
5.50
V
Undervoltage Lockout Threshold
VCC rising or falling, 35mV hysteresis typical
2.35
2.5
2.65
V
Not switching
0.33
0.65
Quiescent Current
Switching
0.44
0.9
mA
TA = +25°C
0.1
1
Shutdown Supply Current
VEN = 0V
TA = +85°C
1
µA
OV Threshold
Rising edge
1.18
1.25
1.33
V
TA = +25°C
1
200
OV Input Bias Current
VOV = 1V
TA = +85°C
10
nA
BRT Input Resistance
0 < VBRT < 1.5V, EN = VCC
200
400
600
k
Ω
TIMING CONTROL
Maximum On-Time
VCC = 3.3V
2.0
3.4
4.8
µs
On-Time Constant (K)
tON = K / VCC
6.3
µs-V
Minimum Off-Time
150
250
350
ns
ERROR AMPLIFIER
VBRT = 1.25V
192
203
212
FB Threshold
VBRT = 3.3V
280
mV
TA = +25°C
15
200
FB Input Bias Current
VFB = 1.0V
TA = +85°C
100
nA
N-CHANNEL SWITCH
LX On-Resistance
0.8
1.4
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com