Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1553 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1553
Description  High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1553 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1553_15 Datasheet HTML 2Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 3Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 4Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 5Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 6Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 7Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 8Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 9Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MAX1553/MAX1554
High-Efficiency, 40V Step-Up
Converters for 2 to 10 White LEDs
Maxim Integrated | 6
www.maximintegrated.com
PIN
NAME
FUNCTION
1
GND
Ground
2VCC
Voltage-Supply Input. 2.7V to 5.5V. The IC is powered from VCC.
3
EN
Enable Input. Drive high or connect to VCC to enable the IC. Drive EN low for shutdown.
4
BRT
Brightness-Control Input. Either an analog or PWM control signal can be used. The LED current can be
controlled over a 10 to 1 range. The PWM signal must be between 100Hz and 10kHz, and must have an
amplitude greater than 1.72V.
5FB
Feedback Input. Connect to the cathode of the LED string and connect a resistor from FB to GND to set the
LED current.
6SS
Soft-Start Timing-Control Input. Connect a capacitor from SS to GND to control soft-start timing. See the Soft-
Start section for information on selecting the soft-start capacitor. SS is pulled to ground with an internal 200
Ω
switch when EN is low.
7OV
Overvoltage Sense. Connect to a resistor-divider from the anode of the LED string to set the overvoltage
threshold. See Figures 1, 2, and 3.
8
LX
Inductor Connection. Connect to the inductor and diode. LX is high impedance when EN is low.
—
EP
Exposed Pad. Connect to GND.
Pin Description
Detailed Description
Control Scheme
The MAX1553/MAX1554 utilize a minimum off-time, cur-
rent-limited control scheme. If the voltage at FB drops
below the regulation threshold, the internal low-side
MOSFET turns on and the inductor current ramps up to
the current limit. Once the current-limit comparator
trips, the low-side MOSFET turns off for the minimum
off-time (250ns). After 250ns, if the voltage at FB is
above the regulation threshold, the low-side MOSFET
stays off. If the voltage at FB is below the regulation
point, the low-side MOSFET turns back on and the
cycle repeats. By using a regulation control scheme
that is not fixed frequency and that can skip pulses, the
MAX1553/MAX1554 operate with very high efficiency.
Soft-Start
Soft-start is provided on the MAX1553/MAX1554 to min-
imize inrush current. The soft-start time is set with an
external capacitor, C3 (Figures 1, 2, and 3). Use the fol-
lowing equation to solve for C3:
where tSS is the soft-start time. A value of 0.1µF pro-
vides a soft-start time of 20ms.
Shutdown
The MAX1553/MAX1554 feature a low-current shut-
down feature. When EN is low, the IC turns off, reduc-
ing its supply current to approximately 0.1µA. For
normal operation, drive EN high or connect to VCC.
Overvoltage Protection
The MAX1553/MAX1554 have an adjustable overvolt-
age- protection circuit. When the voltage at OV reaches
the overvoltage threshold (1.25V typ), the protection cir-
cuitry prevents the internal MOSFET from switching,
allowing the output voltage to decay.
The peak output voltage in an overvoltage-protection
event is set with a resistor-divider from the output con-
nected to OV (R2 and R3 in Figures 1, 2, and 3). Select
a value for R3 (10k
Ω is recommended), then solve for
R2 using the following equation:
where VOV is the overvoltage threshold (1.25V typ), and
VOUT(PEAK) is the desired peak output voltage.
RR
x
V
V
OUT PEAK
OV
23
1
=−
⎛
⎝⎜
⎞
⎠⎟
()
C
x
tSS
3
2105
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com