Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1553 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1553
Description  High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1553 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1553_15 Datasheet HTML 1Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 2Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 3Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 4Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 5Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 6Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 7Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 8Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MAX1553/MAX1554
High-Efficiency, 40V Step-Up
Converters for 2 to 10 White LEDs
EVALUATION KIT AVAILABLE
General Description
The MAX1553/MAX1554 drive white LEDs in series with
a constant current to provide efficient display backlight-
ing in cellular phones, PDAs, and other hand-held
devices. The step-up converter includes an internal
40V, low RDSON, N-channel MOSFET switch for high
efficiency and maximum battery life. The MAX1553 has
a current limit of 480mA for driving two to six white
LEDs, while the MAX1554 has a current limit of 970mA
for driving up to 10 white LEDs.
A single analog/PWM Dual Mode
™ input provides two
simple means of brightness adjustment. A separate
enable input provides on/off control. Soft-start mini-
mizes inrush current during startup.
The MAX1553/MAX1554 are available in space-saving
8-pin TDFN 3mm x 3mm packages.
Applications
Cellular Phones
PDA, Palmtop, and Wireless Handhelds
Color Display Backlight
Benefits and Features
Highly Integrated and Flexible Solution for Wide
Range of Backlighting Applications
Constant-Current Regulation for Even LED
Illumination
Internal 40V MOSFET Switch Capable of Driving
10 LEDs
2.7V to 5.5V Input Voltage Range
Analog or PWM Control of LED Intensity
Optimized for Low Input Ripple
Soft-Start Minimizes Inrush Current
High Efficiency Improves Battery Life
Up to 88% Efficiency Driving 6 LEDs
Up to 82% Efficiency Driving 9 LEDs (20mA,
VCC = 3.6V)
Tiny 8-Pin, 3mm x 3mm TDFN Package Saves Space
Small, Low-Profile External Components
TOP VIEW
SS
BRT
6
7
8
0V
LX
3
2
1
EN
VCC
GND
5
FB
4
TDFN
3mm x 3mm
MAX1553
MAX1554
Pin Configuration
Ordering Information
LX
SS
VCC
FB
ON
OFF
BRT
GND
2.7V TO 5.5V
INPUT
OV
EN
PWM
OR
DC CONTROL
MAX1553
MAX1554
WHITE
LEDS
Typical Operating Circuit
PART
TEMP RANGE
PIN-PACKAGE
TOP
MARK
MAX1553ETA
-40°C to +85°C 8 TDFN 3mm x 3mm
AGX
MAX1554ETA
-40°C to +85°C 8 TDFN 3mm x 3mm
AGY
Dual Mode is a trademark of Maxim Integrated Products, Inc.
19-2875; Rev 2; 5/15


Similar Part No. - MAX1553_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1553ETA MAXIM-MAX1553ETA Datasheet
347Kb / 11P
High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
19-2875; Rev 0; 6/03
MAX1553EVKIT MAXIM-MAX1553EVKIT Datasheet
153Kb / 5P
MAX1553 Evaluation Kit
Rev 0; 9/03
More results

Similar Description - MAX1553_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1553 MAXIM-MAX1553 Datasheet
347Kb / 11P
High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
19-2875; Rev 0; 6/03
MAX1561 MAXIM-MAX1561 Datasheet
245Kb / 10P
High-Efficiency, 26V Step-Up Converters for Two to Six White LEDs
19-2731; Rev 1; 10/03
logo
Advanced Analogic Techn...
AAT1239-1 ANALOGICTECH-AAT1239-1 Datasheet
909Kb / 21P
40V Step-Up Converter for 4 to 10 White LEDs
AAT1239-1 ANALOGICTECH-AAT1239-1_08 Datasheet
1Mb / 23P
40V Step-Up Converter for 4 to 10 White LEDs
logo
Anpec Electronics Corop...
APW7136A ANPEC-APW7136A Datasheet
423Kb / 15P
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
logo
Advanced Analogic Techn...
AAT1239-1_0810 ANALOGICTECH-AAT1239-1_0810 Datasheet
1Mb / 23P
40V Step-Up Converter for 4 to 10 White LEDs
logo
AMETHERM Circuit Protec...
AME5144 AMETHERM-AME5144 Datasheet
137Kb / 15P
High Efficiency, 37V Step-Up Converter for 2 to 10 White LEDs
logo
Anpec Electronics Corop...
APW7209 ANPEC-APW7209 Datasheet
377Kb / 14P
1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
APW7208 ANPEC-APW7208 Datasheet
341Kb / 16P
1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7209 ANPEC-APW7209_13 Datasheet
375Kb / 17P
1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com