Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1553 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1553
Description  High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1553 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1553_15 Datasheet HTML 1Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 2Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 3Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 4Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 5Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 6Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 7Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 8Page - Maxim Integrated Products MAX1553_15 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MAX1553/MAX1554
High-Efficiency, 40V Step-Up
Converters for 2 to 10 White LEDs
Maxim Integrated | 5
www.maximintegrated.com
SWITCHING WAVEFORMS
(CONTINUOUS OPERATION,
3.75V Li+ BATTERY, 18mA OUTPUT)
MAX1553/54 toc10
2
μs/div
VLX
VOUT
IL
10V/div
200mV/div
200mA/div
L1 = 47
μH, 4700pF CAPACITOR ACROSS LEDs
SWITCHING WAVEFORMS
(DISCONTINUOUS OPERATION,
3.75V Li+ BATTERY, 10mA OUTPUT)
MAX1553/54 toc11
2
μs/div
VLX
VOUT
IL
10V/div
200mV/div
200mA/div
L1 = 47
μH, 4700pF CAPACITOR ACROSS LEDs
STARTUP/SHUTDOWN WAVEFORMS
MAX1553/54 toc12
40ms/div
VEN
VFB
VOUT
5V/div
200mV/div
10V/div
L1 = 22
μH
BRT STEP RESPONSE
MAX1553/54 toc13
20ms/div
VBRT
VFB
VOUT
1V/div
200mV/div
2V/div
L1 = 22
μH,
VBRT = 0.5V TO 1.25V TO O.5V
Typical Operating Characteristics (continued)
(MAX1553 driving six white LEDs, VCC = VEN = 3.6V, Circuit of Figure 1, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com