Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS220 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # UT54ACTS220
Description  Clock and Wait-State Generation Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS220 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  UT54ACTS220 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
DC ELECTRICAL CHARACTERISTICS 7
(VDD = 5.0V ±10%; VSS = 0V
6, -55
°C < T
C < +125°C); Unless otherwise noted, Tc is per the temperature range ordered.
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
VIL
Low-level input voltage 1
TTL
0.8
V
VIH
High-level input voltage 1
TTL
2.25
V
IIN
Input leakage current
TTL
VDD = 5.5V
VIN = VDD or VSS
-1
1
μA
VOL1
Low-level output voltage 3
Except CLKOUT/CLKOUT
IOL = 8mA, VDD = 4.5V
IOL = 100μA
0.4
0.25
V
VOH1
High-level output voltage 3
Except CLKOUT/CLKOUT
IOH = -8mA, VDD = 4.5V
3.15
V
VOL2
CLKOUT/CLKOUT Low-level output
voltage 3
IOL = 100μA
0.25
V
VOH2
CLKOUT/CLKOUT High-level output
voltage 3
IOH = -100μA
4.25
V
IOS
Short-circuit output current 2 ,4
VO = VDD and VSS
VDD = 5.5V
+300
mA
IOL1
Output current10
(Sink), Except CLKOUT/CLKOUT
VIN = VDD or VSS
VOL = 0.4V
8
mA
IOH1
Output current10
(Source), Except CLKOUT/CLKOUT
VIN = VDD or VSS
VOH = VDD - 0.4V
-8
mA
IOL2
CLKOUT/CLKOUT output current10
(Sink)
VIN = VDD or VSS
VOL = 0.4V
12
mA
IOH2
CLKOUT/CLKOUT output current10
(Source)
VIN = VDD or VSS
VOH = VDD - 0.4V
-12
mA
IIH
Input current high
VIN = VDD or VSS
VIN = 5.5V
+1.0
μA
IIL
Input current low
VIN = VDD or VSS
VIN = VSS
-1.0
μA
Ptotal
Power dissipation 2, 8, 9
CL = 50pF
1.0
mW/
MHz
IDDQ
Quiescent Supply Current
VDD = 5.5V
VIN = VDD or VSS
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com