Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS220 Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # UT54ACTS220
Description  Clock and Wait-State Generation Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS220 Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button UT54ACTS220 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 9Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 10Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 11Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 12Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
AC ELECTRICAL CHARACTERISTICS 2
(VDD = 5.0V ±10%; VSS = 0V
1, -55
°C < T
C < +125°C); Unless otherwise noted, Tc is per the temperature range ordered.
Notes:
1. Maximum allowable relative shift equals 50mV.
2. All specifications valid for radiation dose
≤ 1E6 rads(Si).
3. Guaranteed by design but not tested.
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
tPHL1
48MHz
↑ to 24MHz ↓
0
15
ns
tPLH1
48MHz
↑ to 24MHz ↑
0
15
ns
tPHL2
24MHz
↓ to DTACK ↓
0
7
ns
tPLH2
24MHz
↓ to DTACK ↑
0
6
ns
tPLH3
DMACK
↑ to DTACK ↑
3
16
ns
tPLH4
MRST
↓ to 24MHz ↑, DTACK ↑
3
16
ns
tPHL5
CLKIN
↓ to CLKOUT ↓
0
11
ns
tPLH5
CLKIN
↑ to CLKOUT ↑
0
11
ns
tPHL6
CLKIN
↑ to CLKOUT ↓
0
11
ns
tPLH6
CLKIN
↓ to CLKOUT ↑
0
11
ns
tSU
3
DTACK
↓ to 24MHz ↑, setup time
12
ns
tH
3
24MHz
↑ to DTACK ↑, hold time
20
ns
tSUR
Setup time from RCS
↓ to 24MHz ↓
7
ns
tWM
MRST pulse width low
5
ns
tWC
CLKIN pulse width
12
ns
fMAX
Maximum CLKIN frequency
40
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com