Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS220 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS220
Description  Clock and Wait-State Generation Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS220 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS220 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Standard Products
UT54ACTS220
Clock and Wait-State Generation Circuit
Datasheet
November 2010
www.aeroflex.com/logic
FEATURES
1.2μ CMOS
- Latchup immune
High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 14-pin DIP
- 14-lead flatpack
UT54ACTS220 - SMD 5962-96753
DESCRIPTION
The UT54ACTS220 is designed to be a companion chip to
UTMC’s UT69151 S
μMMIT family for the purpose of gener-
ating clock and wait-state signals. The device contains a divide
by two circuit that accepts TTL input levels and drives CMOS
output buffers. The chip accepts a 48MHz clock and generates
a 24MHz clock. The 48MHz clock can have a duty cycle that
varies by
± 20%. The UT54ACT220 generates a 24MHz clock
with a
± 5% duty cycle variation. The wait-state circuit generates
a single wait-state by delaying the falling edge of DTACK into
the S
μMMIT. The clock/timing device generates DTACK from
the falling edge of input RCS which is synchronized by the fall-
ing edge of 24MHz. The S
μMMIT drives inputs RCS and
DMACK.
The devices are characterized over full military temperature
range of -55
°C to +125°C.
LOGIC SYMBOL
PINOUTS
14-Pin DIP
Top View
14-Lead Flatpack
Top View
(10)
MRST
(8)
DMACK
(6)
48MHz
(9)
RCS
(13)
24MHz
(11)
(12)
DTACK
(4)
CLKIN
(2)
CLKOUT
(3)
CLKOUT
S
CTR1
SRG2
1D
S
TEST
Note:
1. Logic symbol in accordance with ANSI/IEEE Std 91-1984 and IEC
Publication 617-12.
114
213
312
411
510
69
78
NC
CLKOUT
CLKOUT
CLKIN
NC
48MHz
VSS
VDD
24MHz
DTACK
MRST
RCS
DMACK
TEST
114
213
312
411
510
69
78
NC
CLKOUT
CLKOUT
CLKIN
NC
48MHz
VSS
VDD
24MHz
DTACK
MRST
RCS
DMACK
TEST


Similar Part No. - UT54ACTS220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT54ACTS220 ETC1-UT54ACTS220 Datasheet
42Kb / 8P
Clock and Wait-State Generation Circuit
More results

Similar Description - UT54ACTS220

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34116 STMICROELECTRONICS-M34116 Datasheet
374Kb / 23P
PCM CONFERENCE CALL AND TONE GENERATION CIRCUIT
Jan-1995
logo
Integrated Silicon Solu...
IS61NP12836 ISSI-IS61NP12836 Datasheet
154Kb / 20P
PIPELINE NO WAIT STATE BUS SRAM
logo
List of Unclassifed Man...
UT54ACTS220 ETC1-UT54ACTS220 Datasheet
42Kb / 8P
Clock and Wait-State Generation Circuit
logo
Integrated Silicon Solu...
IS61NLF25636A ISSI-IS61NLF25636A Datasheet
236Kb / 37P
256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVVP25672 ISSI-IS61NVVP25672 Datasheet
160Kb / 29P
256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
logo
Freescale Semiconductor...
MC68HC711D3CFNE2 FREESCALE-MC68HC711D3CFNE2 Datasheet
908Kb / 124P
Power Saving STOP and WAIT Modes
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34_16 Datasheet
173Kb / 9P
Clock Generation Chip
July, 2016 ??Rev. 11
MC10EP139 ONSEMI-MC10EP139_16 Datasheet
218Kb / 14P
Clock Generation Chip
August, 2016 ??Rev. 14
logo
Analog Devices
HMC7044 AD-HMC7044 Datasheet
1Mb / 72P
JESD204B clock generation
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com