Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS220 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # UT54ACTS220
Description  Clock and Wait-State Generation Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS220 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  UT54ACTS220 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS220 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
PIN DESCRIPTION
FUNCTIONAL TIMING: Single S
μMMIT Wait-State
For both read and write memory cycles, DTACK is an input to the S
μMMIT E and SμMMIT LXE/DXE. A non-wait state memory
requires two clock cycles, T1 and T2 of figure 1. For accessing slower memory devices, the UT54ACTS220 holds DTACK to a log-
ical “1”. This results in the stretching of memory cycles by one clock to three clock cycles, TW of figure 1. The SμMMIT E and
S
μMMIT LXE/DXE samples the DTACK on the rising edge of the 24 MHz clock. If DTACK is not generated before the rising
edge of the clock, the S
μMMIT E and SμMMIT LXE/DXE extends the memory cycle.
Pin Number
Pin Name
Description
2
CLKOUT
Buffered version of CLKIN.
3
CLKOUT
Inverted version of CLKIN.
4
CLKIN
Clock Input. This signal can be any arbitrary signal that the user wishes to buffer.
6
48MHz
48MHz Clock. The 24MHz clock is created by dividing this signal by two.
8
DMACK
DMA Acknowledge. This input is generated by the S
μMMIT. When high, this signal will
cause DTACK output to be forced high.
9
RCS
RAM Chip Select. This input is generated by the S
μMMIT.
10
MRST
Master Reset. This input can be used to preset 24MHz, DTACK and TEST. For normal
operation tie MRST to VDD through a resistor.
11
TEST
Test output signal.
12
DTACK
Data Transfer Acknowledge. This signal can be used to drive the DTACK signal of the
S
μMMIT if the user requires one wait state during the memory transfer.
13
24MHz
24MHz Clock. This output runs at half the frequency of the 48MHz input. The falling
edge of 24MHz is the signal that latches the DTACK outputs. 24MHz is forced high
whenever MRST is low. Properly loaded, 24MHz will have a 50% duty cycle
± 5%.
48MHz
24MHz
T1
T2
DMACK
RCS
DTACK
TW
Figure 1. Functional Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com