Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34116 Datasheet (PDF) - STMicroelectronics

M34116 Datasheet PDF - STMicroelectronics
Part # M34116
Download  M34116 Download
File Size   374.12 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PCM CONFERENCE CALL AND TONE GENERATION CIRCUIT

M34116 Datasheet (PDF)

Go To PDF Page Download Datasheet
M34116 Datasheet PDF - STMicroelectronics

Part # M34116
Download  M34116 Click to download

File Size   374.12 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PCM CONFERENCE CALL AND TONE GENERATION CIRCUIT

M34116 Datasheet (HTML) - STMicroelectronics


M34116 Product details

DESCRIPTION
The M34116 is a product specifically designed for applications in PCM digital exchanges. It is able to handle up to 64 channels in any conferences combination from 1 to 29 conferences in parallel and to generate seven different tones and one melody.

■ HW AND SW COMPATIBLE WITH M116
■ 1 TO 64 SERIAL CHANNELS PER FRAME (CONTROLLED BY SYNC SIGNAL PERIOD)
■ 29 MAXIMUM CONFERENCES
■ 1 TO 64 SERIAL CHANNELS PER CONFERENCES
■ 3 SIMULTANEOUS OPERATION MODES AVAILABLE: CONFERENCE, TRANSPARENT AND TONE GENERATION
■ TYPICAL BIT RATES: 1536/1544/2048/4096Kbits/s
■ COMPATIBLE WITH ALL KINDS OF PCM FORMAT
■ µ AND A LAW (PIN PROGRAMMABLE)
■ EQUAL PRIORITY TO EVERY CHANNEL
■ ONE FRAME AND ONE CHANNEL DELAY FROM SENDING TO RECEIVING
■ OVERFLOW INFORMATION FOR EACH CONFERENCE BY PIN OS (OVERFLOW SIGNALLING) AND ON DATA BUS ON MPU REQUEST
■ INSTRUCTION SET COMPATIBLE WITH M3488
■ PROGRAMMABLE INPUT AND OUTPUT ATTENUATION OR GAIN FROM 0 TO 15dB WITH STEP OF 1dB FOR EACH CHANNEL
■ TONE GENERATION FROM 3.9Hz TO 3938Hz WITH MIN. STEP OF 3.9Hz
■ TOTAL OF 7 DIFFERENT TONE OUTPUTS IN PARALLEL PROGRAMMABLE VIA MPU (MAXIMUM 4 DIFFERENT FREQUENCIES
■ AND DURATIONS)
■ 1 MELODY OF MAXIMUM 32 PROGRAMMABLE FREQUENCIES AND DURATIONS
■ 5V POWER SUPPLY
■ TTL COMPATIBLE INPUT LEVELS, CMOS/TTL COMPATIBLE OUTPUT LEVELS
■ MAIN INSTRUCTIONS CONTROLLED BY MICROPROCESSOR INTERFACE:
    – Channel connection to a conference
    – Channel attenuation or gain
    – Channel disconnection from both conference and transparent modes
    – Tone and melody generation
    – Overflow status
    – Operatingmode
    – Channel status




Similar Part No. - M34116

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M34 VISHAY-M34 Datasheet
75Kb / 5P
Wet Tantalum Capacitors Surface Mount, Molded Case
11-Aug-09
M34 VISHAY-M34 Datasheet
91Kb / 5P
Wet Tantalum Capacitors Surface Mount, Molded Case
28-Jul-11
logo
Gamewell-FCI by Honeywe...
M34-104 GAMEWELL-FCI-M34-104 Datasheet
166Kb / 4P
Three-Fold Fire Alarm Boxes and Transmitters
M34-110 GAMEWELL-FCI-M34-110 Datasheet
166Kb / 4P
Three-Fold Fire Alarm Boxes and Transmitters
M34-111 GAMEWELL-FCI-M34-111 Datasheet
166Kb / 4P
Three-Fold Fire Alarm Boxes and Transmitters
More results


Similar Description - M34116

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-991 CLARE-M-991 Datasheet
171Kb / 6P
Call Progress Tone Generator
logo
Mitel Networks Corporat...
MT8924-1 MITEL-MT8924-1 Datasheet
102Kb / 18P
PCM Conference Circuit (PCC) Preliminary Information
MT8924 MITEL-MT8924 Datasheet
132Kb / 14P
PCM Conference Circuit (PCC) Preliminary Information
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
Call Progress Tone Detector
logo
Microsemi Corporation
MX633 MICROSEMI-MX633 Datasheet
95Kb / 11P
CALL PROCRESS TONE DETECTOR
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
Call Progress Tone Detector
March 31, 2003
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
Call Progress Tone Decoder
logo
CML Microcircuits
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
Call Progress Tone Detector
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
Call Progress Tone Detector
logo
Motorola, Inc
MC145611 MOTOROLA-MC145611 Datasheet
45Kb / 1P
PCM conference Circuit
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com