Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34116 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M34116
Description  PCM CONFERENCE CALL AND TONE GENERATION CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34116 Datasheet(HTML) 5 Page - STMicroelectronics

  M34116 Datasheet HTML 1Page - STMicroelectronics M34116 Datasheet HTML 2Page - STMicroelectronics M34116 Datasheet HTML 3Page - STMicroelectronics M34116 Datasheet HTML 4Page - STMicroelectronics M34116 Datasheet HTML 5Page - STMicroelectronics M34116 Datasheet HTML 6Page - STMicroelectronics M34116 Datasheet HTML 7Page - STMicroelectronics M34116 Datasheet HTML 8Page - STMicroelectronics M34116 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ELECTRICAL CHARACTERISTICS (Tamb = 0 to 70
°C, VCC =5V ± 5%)
All DC characteristic are valid 250
µs after VCC and clock have been applied. CL is the max. capacitive
load and RL the test pull up resistor.
Signal
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
CK
Up to
4.096MHz
tCK
tWL
tWH
tR
tF
Clock Period
Clock Low Level Width
Clock High Level Width
Rise Time
Fall Time
230
100
100
25
25
ns
ns
ns
ns
ns
CK
8.192MHz
tCK
tWL
tWH
tR
tF
Clock Period
Clock Low Level Width
Clock High Level Width
Rise Time
Fall Time
120
50
50
10
10
ns
ns
ns
ns
ns
SYNC
tSL
tHL
tSH
tWH
Low Level Set-up Time
Low Level Hold Time
High Level Set-up Time
High Level Width
See note 1
30
30
30
tCK
ns
ns
ns
ns
PCM
Input
tS
tH
Set-up Time
Hold Time
35
35
ns
ns
PCM
Output
(Open
drain)
tPD min.
tPD max.
Propagation Time Low
Level referred to CK
Propagation Time High
level Referred to CK
CL = 50pF RL =1K
Ω
40
180
ns
ns
RESET
tSL
tHL
tSH
tWH
Low Level Set-up Time
Low Level Hold Time
High Level Set-up Time
High Level Width
note 6
50
30
30
tCK
ns
ns
ns
ns
WR
tWL
tWH
tREP
tSH
tHH
tR
tF
Low Level Width
High Level Width
Repetition interval
between active pulses.
High Level st-up time to
active read strobe.
High Level hold time to
active read strobe.
Rise Time
Fall Time
note 3 and 4
150
200
500
0
20
60
60
ns
ns
ns
ns
ns
ns
ns
RD
tWL
tWH
tREP
tSH
tHH
tR
tF
Low Level Width
High Level Width
Repetition interval
between active pulses.
High Level st-up time to
active read strobe.
High Level hold time to
active read strobe.
Rise Time
Fall Time
note 5
180
200
4tCK
0
20
60
60
ns
ns
ns
ns
ns
ns
ns
Notes:
1. With Extra Bit operating mode insert this time becomes 3 tCK.
2. With Extra Bit operating mode insert these times are 80ns longer.
3. With OPCODE (C/D = I), this time becomes 4tck (6tck if E = 1). E: extra bit indication in ”operating mode” instruction.
4. For tone generation instruction, this time becomes 4tck (6tck if E = 1) E: extra bit indication in ”operating mode” instruction.
5. With extra bit operating mode insert, this time becomes 6tck.
6. The initialization routine takes 2 frames time starting from the rising edge of RESET - Any access to the device should take place after the
initialization routine is completed. (2 frames time).
M34116
5/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com