Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34116 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M34116
Description  PCM CONFERENCE CALL AND TONE GENERATION CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34116 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M34116 Datasheet HTML 10Page - STMicroelectronics M34116 Datasheet HTML 11Page - STMicroelectronics M34116 Datasheet HTML 12Page - STMicroelectronics M34116 Datasheet HTML 13Page - STMicroelectronics M34116 Datasheet HTML 14Page - STMicroelectronics M34116 Datasheet HTML 15Page - STMicroelectronics M34116 Datasheet HTML 16Page - STMicroelectronics M34116 Datasheet HTML 17Page - STMicroelectronics M34116 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
M116 INSTRUCTION SET (continued)
INSTRUCTION 4: OVERFLOW INFORMATION
Two bytes are needed to know the status of all 10 conferences: C/D = 0 reads the first byte (first 8 con-
ferences) and C/D = 1 reads the second byte (the last 2 conferences). A conference is in overflow when
the corresponding bit is high.
Instruction 4 Format
Control Signal
Data Bus
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
1
CF8
CF7
CF6
CF5
CF4
CF3
CF2
CF1
0
0
1
1
XX
XXXX
CF10
CF9
CF10 – CF1: Conference in overflow when high.
nb: as long as RD remains low, the overflow status of the conference selected by C/D can be monitored
in real time.
INSTRUCTION 5: OPERATING MODE
The single byte needed contains the Extra bit (D6), the format bits F1–F0 (D5–D4) and the opcode
(0101).
The E bit must be E = 1 when the PCM frame contains a number of bit multiple of eight plus on bit (ex.
PCM frame at 1544Kbit/s). Normally E = 0. The bits F1–F0 select the kinds of PCM format byte accord-
ing table 1. After Reset the default values corresponds to F1 = 0, F0 = 1 if A–law is selected and F1 = 1,
F0 = 1 if Mu–law is selected. All channels must be disconnected when the Operating Mode Instruction is
sent. They must remain disconnected for at least two time frames after the instruction was sent.
We recommende to use this instruction right after the RESET (see pin RESET decription).
Instruction 5 Format
Control Signal
Data Bus
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
01
10
X
E
F1
F0
0
101
E: Extra bit insertion (active when E = 1)
F1 – F0: PCM byte Format selection (see also table 1)
00 = no bit inverted
01 = even bit (B0–B2–B4–B6) inverted
10 = odd bit (B1–B3–B5) inverted
11 = all bit (B0–B1–B2–B3–B4–B5–B6)inverted
INSTRUCTION 6: STATUS
Three bytes are needed:
1) The first byte contains the number of the channel;
2) The second byte contains the opcode (0110);
3) By a reding cycle you extract from the third byte the information about the operating mode of the
channel (no connection or transparent mode or number of the conference, bits D4–D7); the attenuation
(D2–D3) and noise suppression values (D0–D1) eventually inserted.
This reading cycle must be executed at least one frame after the end of the opcode writing cycle.
Instruction 6 Format
Control Signal
Data Bus
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
0
X
X
X
C4C3
C2C1C0
01
10
X
X
X
X
0
110
0
0
1
1
P3
P2
P1
P0
A1
A0
T1
T0
P3–P0: channel mode operation information
0000 = no connection
1111 = transparent mode
1010 – 0001 = conference mode
P3–P0 give the number of the conferenc
nb: the instruction 6 enables the dat bus to read
the status until reset by C/D = 0 and WR = 1.
M34116
14/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com