Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34116 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M34116
Description  PCM CONFERENCE CALL AND TONE GENERATION CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34116 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M34116 Datasheet HTML 15Page - STMicroelectronics M34116 Datasheet HTML 16Page - STMicroelectronics M34116 Datasheet HTML 17Page - STMicroelectronics M34116 Datasheet HTML 18Page - STMicroelectronics M34116 Datasheet HTML 19Page - STMicroelectronics M34116 Datasheet HTML 20Page - STMicroelectronics M34116 Datasheet HTML 21Page - STMicroelectronics M34116 Datasheet HTML 22Page - STMicroelectronics M34116 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
APPENDIX 2
TONE GENERATION PROGRAMMING
Example 1:
f = 425Hz
Duration 200ms ON, 200ms OFF, 600ms ON, 1000ms OFF
Attenuation 10dB
Channel #0.
Programming sequence:
Control Signal
Data
CS
RD
C/D
WR
D7 . . . . D0
010
0
0AH
010
0
00H
011
0
0CH
010
0
2DH
010
0
06H
010
0
00H
010
0
06H
010
0
2DH
010
0
12H
010
0
00H
010
0
1FH
011
0
0CH
Example 2:
f = 400Hz
Duration: 375ms ON, 375ms OFF
Attenuation 5dB
Channel #3
Programming sequence:
Control Signal
Data
CS
RD
C/D
WR
D7 . . . . D0
010
0
05H
010
0
03H
011
0
0CH
010
0
26H
010
0
0CH
010
0
00H
010
0
0CH
010
0
FFH
011
0
0CH
M34116
20/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com