Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34116 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M34116
Description  PCM CONFERENCE CALL AND TONE GENERATION CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34116 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M34116 Datasheet HTML 5Page - STMicroelectronics M34116 Datasheet HTML 6Page - STMicroelectronics M34116 Datasheet HTML 7Page - STMicroelectronics M34116 Datasheet HTML 8Page - STMicroelectronics M34116 Datasheet HTML 9Page - STMicroelectronics M34116 Datasheet HTML 10Page - STMicroelectronics M34116 Datasheet HTML 11Page - STMicroelectronics M34116 Datasheet HTML 12Page - STMicroelectronics M34116 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
INSTRUCTION SET
OPERATING MODES
Two different operating mode istructions are available:
M116 Operating Mode:
Sending this operating mode instruction, the device functionality is the same as M116 and M116 instruc-
tion set is selected (refer to the following M116 instruction set for further details).
Control Signal
Data Bus
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
01
10
X
E
F1
F0
0
101
y E = 1 extra bit
y F1– F0 = 00 no bit inverted
01 even bit inverted
10 odd bit inverted
11 all bit inverted
Default values after reset:
E = 0
F1– F0 = 11 if MU Law
F1– F0 = 01 if A Law
M34116 Operating Mode:
Sending this operating mode instruction, the M34116 instruction set and functionality are selected
Control Signal
Data Bus
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
01
10
X
E
F1
F0
1
001
yE = 1 extra bit
yF1– F0 =
00 no bit inverted
01 even bit inverted
10 odd bit inverted
11 all bit inverted
Note:
Upon reset M116 instruction set is automatically
selected. To switch from the M116 instruction set
the above M34116 operating mode instruction is
necessary. The operating mode instruction, when
necessary, must be sent just after reset.
M34116 INSTRUCTION SET.
INSTRUCTION 1: M34116 CHANNEL CONNECTION IN CONFERENCE MODE
Five bytes are needed:
Control Signal
Data Bus
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
0
X
X
S
P4P3
P2P1P0
0
1
0
0
X
X
X
Al4
Al3
Al2
Al1
Al0
0
1
0
0
X
X
X
AO4
AO3
AO2
AO1
AO0
0
1
0
0
X
PTC5C4C3
C2C1C0
01
10
X
X
X
X
0
111
y S: Start bit
y Al4–Al0:
Al4 = 1
Al4 = 0
Al3–Al0
Input attenuationor gain (
±15dB)
gain
attenuation
value in dB (0–15)
y Ol4–AO0:
AO4 = 1
AO4 = 0
AO3–AO0
output attenuation or gain (
±15dB)
gain
attenuation
value in dB (0–15)
y PT: Phase toggle conference
y P4–P0: Conference number (1–29)
y C5–C0: Channel number (0–63)
When S = 1 the conference register is cleared.
S = 1 can be used only when connecting the first
channel to a new conference.
When PT = 1 the sign of the PCM samples is
changed before they are put in conference. This
corresponds to a phase shift of 180
° and may be
used to reduce the electrical echo.
Note: Unspecified Data Bus can be either 0’s or 1’s
M34116
9/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com