Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34116 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M34116
Description  PCM CONFERENCE CALL AND TONE GENERATION CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34116 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M34116 Datasheet HTML 9Page - STMicroelectronics M34116 Datasheet HTML 10Page - STMicroelectronics M34116 Datasheet HTML 11Page - STMicroelectronics M34116 Datasheet HTML 12Page - STMicroelectronics M34116 Datasheet HTML 13Page - STMicroelectronics M34116 Datasheet HTML 14Page - STMicroelectronics M34116 Datasheet HTML 15Page - STMicroelectronics M34116 Datasheet HTML 16Page - STMicroelectronics M34116 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
M116 INSTRUCTION SET
INSTRUCTION 1: CHANNEL CONNECTION IN CONFERENCE MODE
Three byte are needed:
1)The first byte contains the conference number (bits D0–D3) and the Start bit S (bit D4). When S = 1, all
registers of the conference will be cleared. S = 1 is only required in the instruction 1 set of the first
channel connected to a new conference.
2)The second byte contains in the bits (D0–D4) the number of the channel to be connected and the In-
sert Tone Enable bit IT (D5). When bit IT = 1 all the channels belonging to that conference are en-
abled using insert tone function if it’s active (TD = 1).
3) The third byte contains information about the attenuationlevel to be applied to that channel and the
opcode (0111).
Instruction 1 Format
Control Signal
Data Bus
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
0
X
X
X
S
P3
P2
P1
P0
0
1
0
0
X
X
IT
C4
C3
C2
C1
C0
01
10
A1
A0
X
X
0
111
S: Conference Start bit
P3–P0: Conference number (1–10)
IT: Insertion Tone function enable (IT = 1)
C4–C0: Channel number (0–31)
A1–A0: Channel attenuation
00 = – 0dB
01 = – 3dB
10 = – 6dB
INSTRUCTION 2: CHANNEL CONNECTION IN TRANSPARENT MODE
Two bytes are needed:
1) The first byte contains the number of the channel.
2) The second byte contains information about the attenuation level to be applied to that channel and the
opcode (0011).
PCM data of this channel is not added to any conference and it is transferred to the PCM output. It is not
affected by the tone control pins.
Instruction 2 Format
Control Signal
Data Bus
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
0
X
X
X
C4C3
C2C1C0
01
10
A1
A0
X
X
0
011
INSTRUCTION 3: CHANNEL DISCONNECTION
Two bytes are needed:
1) The first word contains the number of the channel to be disconnected.
2) The second word contains the opcode (1111).
One time frame must exist between disconnection and connection of the same channel.
Instruction 3 Format
Control Signal
Data Bus
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
0
X
X
X
C4C3
C2C1C0
01
10
X
X
X
X
1
111
M34116
13/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com