Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34116 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M34116
Description  PCM CONFERENCE CALL AND TONE GENERATION CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34116 Datasheet(HTML) 1 Page - STMicroelectronics

  M34116 Datasheet HTML 1Page - STMicroelectronics M34116 Datasheet HTML 2Page - STMicroelectronics M34116 Datasheet HTML 3Page - STMicroelectronics M34116 Datasheet HTML 4Page - STMicroelectronics M34116 Datasheet HTML 5Page - STMicroelectronics M34116 Datasheet HTML 6Page - STMicroelectronics M34116 Datasheet HTML 7Page - STMicroelectronics M34116 Datasheet HTML 8Page - STMicroelectronics M34116 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
M34116
PCM CONFERENCE CALL
AND TONE GENERATION CIRCUIT
PRELIMINARY DATA
HW AND SW COMPATIBLE WITH M116
1 TO 64 SERIAL CHANNELS PER FRAME
(CONTROLLED BY SYNC SIGNAL PERIOD)
29 MAXIMUM CONFERENCES
1 TO 64 SERIAL CHANNELS PER CONFER-
ENCES
3
SIMULTANEOUS OPERATION MODES
AVAILABLE:
CONFERENCE, TRANSPARENT AND TONE
GENERATION
TYPICAL BIT RATES:
1536/1544/2048/4096Kbits/s
COMPATIBLE WITH ALL KINDS OF PCM
FORMAT
µ AND A LAW (PIN PROGRAMMABLE)
EQUAL PRIORITY TO EVERY CHANNEL
ONE FRAME AND ONE CHANNEL DELAY
FROM SENDING TO RECEIVING
OVERFLOW INFORMATION FOR EACH CON-
FERENCE BY PIN OS (OVERFLOW SIGNAL-
LING) AND ON DATA BUS ON MPU RE-
QUEST
INSTRUCTION SET COMPATIBLE WITH M3488
PROGRAMMABLE INPUT AND OUTPUT AT-
TENUATION OR GAIN FROM 0 TO 15dB
WITH STEP OF 1dB FOR EACH CHANNEL
TONE
GENERATION
FROM
3.9Hz
TO
3938Hz WITH MIN. STEP OF 3.9Hz
TOTAL OF 7 DIFFERENT TONE OUTPUTS
IN PARALLEL PROGRAMMABLE VIA MPU
(MAXIMUM 4 DIFFERENT FREQUENCIES
AND DURATIONS)
1 MELODY OF MAXIMUM 32 PROGRAMMA-
BLE FREQUENCIES AND DURATIONS
5V POWER SUPPLY
TTL
COMPATIBLE
INPUT
LEVELS,
CMOS/TTL COMPATIBLE OUTPUT LEVELS
MAIN INSTRUCTIONS CONTROLLED BY MI-
CROPROCESSOR INTERFACE:
– Channel connection to a conference
– Channel attenuation or gain
– Channel disconnection from both conference
and transparent modes
– Tone and melody generation
– Overflow status
– Operating mode
– Channel status
DESCRIPTION
The M34116 is a product specifically designed for
applications in PCM digital exchanges. It is able
to handle up to 64 channels in any conferences
combination from 1 to 29 conferences in parallel
and to generate seven different tones and one
melody.
The parties in a conference must previously be al-
located through the Digital Switching Matrix
(M3488) in a single serial wire at M34116 PCM
input (IN PCM pin).
The M34116 is full pin and function compatible
with the M116. In addition, it has the capability to
generate tone directly coded in PCM.
For the conference function, each channel is con-
verted inside the chip from PCM law to linear law
(14 bits). Then it is added to its conference, and
the sample of the previous frame is subtracted
from the conference.
In this way a new conference sum signal is gener-
ated.
The channel output signal will contain the infor-
mation of all the other channels in its conference
except its own.
After the PCM encoding, the data is serialized by
the M34116 in the same sequence as the PCM
input frame, with one frame (plus one channel)
delay and will be reallocated by the DSM (M3488)
at the final channel and bus position.
A programmable attenuation or gain can be set
on each channel and for every function: confer-
ence, tone generation and transparent mode.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
January 1995
DIP24
ORDERING NUMBER: M34116B1
PLCC28
ORDERING NUMBER: M34116C1
1/23


Similar Part No. - M34116

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M34 VISHAY-M34 Datasheet
75Kb / 5P
Wet Tantalum Capacitors Surface Mount, Molded Case
11-Aug-09
M34 VISHAY-M34 Datasheet
91Kb / 5P
Wet Tantalum Capacitors Surface Mount, Molded Case
28-Jul-11
logo
Gamewell-FCI by Honeywe...
M34-104 GAMEWELL-FCI-M34-104 Datasheet
166Kb / 4P
Three-Fold Fire Alarm Boxes and Transmitters
M34-110 GAMEWELL-FCI-M34-110 Datasheet
166Kb / 4P
Three-Fold Fire Alarm Boxes and Transmitters
M34-111 GAMEWELL-FCI-M34-111 Datasheet
166Kb / 4P
Three-Fold Fire Alarm Boxes and Transmitters
More results

Similar Description - M34116

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-991 CLARE-M-991 Datasheet
171Kb / 6P
Call Progress Tone Generator
logo
Mitel Networks Corporat...
MT8924-1 MITEL-MT8924-1 Datasheet
102Kb / 18P
PCM Conference Circuit (PCC) Preliminary Information
MT8924 MITEL-MT8924 Datasheet
132Kb / 14P
PCM Conference Circuit (PCC) Preliminary Information
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
Call Progress Tone Detector
logo
Microsemi Corporation
MX633 MICROSEMI-MX633 Datasheet
95Kb / 11P
CALL PROCRESS TONE DETECTOR
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
Call Progress Tone Detector
March 31, 2003
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
Call Progress Tone Decoder
logo
CML Microcircuits
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
Call Progress Tone Detector
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
Call Progress Tone Detector
logo
Motorola, Inc
MC145611 MOTOROLA-MC145611 Datasheet
45Kb / 1P
PCM conference Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com